Electronic Components Datasheet Search
  English  ▼

X  

ADXL367 Datasheet(PDF) 11 Page - Analog Devices

Part # ADXL367
Description  Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL367 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXL367 Datasheet HTML 7Page - Analog Devices ADXL367 Datasheet HTML 8Page - Analog Devices ADXL367 Datasheet HTML 9Page - Analog Devices ADXL367 Datasheet HTML 10Page - Analog Devices ADXL367 Datasheet HTML 11Page - Analog Devices ADXL367 Datasheet HTML 12Page - Analog Devices ADXL367 Datasheet HTML 13Page - Analog Devices ADXL367 Datasheet HTML 14Page - Analog Devices ADXL367 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
Data Sheet
ADXL367
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 11 of 64
Table 5.
Parameter
Rating
Acceleration (Any Axis, Unpowered)
5000 g
Acceleration (Any Axis, Powered)
5000 g
VS
−0.3 V to +4.0 V
VDDIO
−0.3 V to +4.0 V
All Other Pins
−0.3 V to VDDIO
Output Short-Circuit Duration (Any Pin to
Ground)
Indefinite
Temperature Range (Storage)
−50°C to +150°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal resistance values specified in Table 6 are simulated based
on JEDEC specs (unless specified otherwise) and should be used
in compliance with JESD51-12.
Table 6. Thermal Resistance
Package
Type
θJA
θJC
PsiJT
PsiJB
Device Weight
CC-12-4
177.8
°C/W
116.7
°C/W
11.1°C/
W
127.8
°C/W
9.04 mg
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
Table 7. ADXL367, 12-Terminal LGA
ESD Model
Withstand Threshold (V)
Class
HBM
2000
2
CDM
1250
C3
RECOMMENDED SOLDERING PROFILE
Table 8 provides details about the recommended soldering profile.
Figure 18. Recommended Soldering Profile
Table 8. Recommended Soldering Profile
Profile Feature
Condition
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
Preheat
3°C/sec max
3°C/sec max
Minimum Soldering Temperature
(TSMIN)
100°C
150°C
Maximum Soldering Temperature
(TSMAX)
150°C
200°C
Soldering Time (TSMIN to TSMAX)(tS)
60 sec to 120 sec
60 sec to 180 sec
TSMAX to TL Ramp-Up Rate
3°C/sec maximum
3°C/sec maximum
Time Maintained Above Liquidous
Temperature (TL)
Liquidous Temperature (TL)
183°C
217°C
Liquidous Time (tL)
60 sec to 150 sec
60 sec to 150 sec
Peak Temperature (TP)
240 + 0°C/−5°C
260 + 0°C/−5°C
Time Within 5°C of Actual Peak
Temperature (tP)
10 sec to 30 sec
20 sec to 40 sec
Ramp-Down Rate
6°C/sec maximum
6°C/sec maximum
Time at 25°C to Peak Temperature
6 minutes
maximum
8 minutes maximum
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com