Electronic Components Datasheet Search
  English  ▼

X  

AFE7903 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7903
Description  AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7903 Datasheet(HTML) 4 Page - Texas Instruments

  AFE7903 Datasheet HTML 1Page - Texas Instruments AFE7903 Datasheet HTML 2Page - Texas Instruments AFE7903 Datasheet HTML 3Page - Texas Instruments AFE7903 Datasheet HTML 4Page - Texas Instruments AFE7903 Datasheet HTML 5Page - Texas Instruments AFE7903 Datasheet HTML 6Page - Texas Instruments AFE7903 Datasheet HTML 7Page - Texas Instruments AFE7903 Datasheet HTML 8Page - Texas Instruments AFE7903 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 152 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply Voltage
Range
DVDD0P9, VDDT0P9
–0.3
1.2
V
VDD1P2RX, VDD1P2TXCLK, VDD1P2TXENC, VDD1P2PLL,
VDD1P2PLLCLKREF, VDD1P2FB, VDD1P2FBCML,
VDD1P2RXCML
–0.3
1.4
V
VDD1P8RX, VDD1P8RXCLK, VDD1P8TX, VDD1P8TXDAC,
VDD1P8TXENC, VDD1P8PLL, VDD1P8PLLVCO, VDD1P8FB,
VDD1P8FBCLK, VDD1P8GPIO, VDDA1P8
–0.5
2.1
V
Pin Volatge
Range
{1/3}RXIN+/-
–0.5 VDDRX1P8+0.3
V
{1/3}TXOUT+/-
–0.5 VDDTX1P8+0.3
V
REFCLK+/-, SYSREF+/-
–0.3
1.4
V
{1:8}SRX+/-
–0.3
1.4
V
{1:8}STX+/-
–0.3
1.4
V
GPIO{B/C/D/E}x, SPICLK, SPISDIO, SPISDO, SPISEN, RESETZ,
BISTB0, BISTB1
–0.5
VDD1P8GPIO +
0.3
V
IFORCE, VSENSE
–0.3
VDDCLK1P8 +
0.3
V
SRDAMUX1, SRDAMUX2
–0.3
VDDA1P8+0.3
V
Peak Input
Current
any input
20
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.Operation outside the Absolute
Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply functional operation of the device
at these or any other conditions beyond those listed under Recommended Operating Conditions. If used outside the Recommended
Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and this may affect device
reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, all pins(1)
1000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
AFE7903
SBASAK2 – MARCH 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com