Electronic Components Datasheet Search
  English  ▼

X  

AFE7903 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7903
Description  AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7903 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AFE7903 Datasheet HTML 16Page - Texas Instruments AFE7903 Datasheet HTML 17Page - Texas Instruments AFE7903 Datasheet HTML 18Page - Texas Instruments AFE7903 Datasheet HTML 19Page - Texas Instruments AFE7903 Datasheet HTML 20Page - Texas Instruments AFE7903 Datasheet HTML 21Page - Texas Instruments AFE7903 Datasheet HTML 22Page - Texas Instruments AFE7903 Datasheet HTML 23Page - Texas Instruments AFE7903 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 152 page
background image
6.6 PLL/VCO/Clock Electrical Characteristics
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; Reference clock input frequency
491.52MHz (unless otherwise noted), fDAC = fVCO, fOUT = fDAC/4, normalized to fVCO.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fVCO1
VCO1 min frequency
7.2
GHz
VCO1 max frequency
7.68
GHz
fVCO2
VCO2 min frequency
8.848
GHz
VCO2 max frequency
9.216
GHz
fVCO3
VCO3 min frequency
9.8304
GHz
VCO3 max frequency
10.24
GHz
fVCO4
VCO4 min frequency
11.7965
GHz
VCO4 max frequency
12.288
GHz
DIVDAC
DAC sample rate divider
1, 2 or 3
DIVFBADC
ADC sample rate divider from DAC
sample rate
1, 2, 3,
4, 6 or 8
DIVRXADC
ADC sample rate divider
1, 2, 3,
4, 6 or 8
PNVCO
Closed Loop Phase Noise FPLL =
11.79848 GHz FREF=491.52MHz
600kHz
-113
dBc/Hz
800kHz
-116
dBc/Hz
1MHz
-119
dBc/Hz
1.8MHz
-125
dBc/Hz
5MHz
-133
dBc/Hz
50MHz
–141
dBc/Hz
Closed Loop Phase Noise
FPLL=8.84736 GHz FREF=491.52MHz
600kHz
-114
dBc/Hz
800kHz
–118
dBc/Hz
1MHz
–120
dBc/Hz
1.8MHz
–127
dBc/Hz
5MHz
–135
dBc/Hz
50MHz
–142
dBc/Hz
Closed Loop Phase Noise FPLL= 9.8403
GHz FREF=491.52MHz
600kHz
–113
dBc/Hz
800kHz
–116
dBc/Hz
1MHz
–119
dBc/Hz
1.8MHz
–125
dBc/Hz
5MHz
–134
dBc/Hz
50MHz
–140
dBc/Hz
Closed Loop Phase Noise FPLL=
7.86432GHz FREF=491.52MHz
600kHz
–116
dBc/Hz
800kHz
–119
dBc/Hz
1MHz
–122
dBc/Hz
1.8MHz
–127
dBc/Hz
5MHz
–136
dBc/Hz
50MHz
–143
dBc/Hz
Frms
Clock PLL integrated phase error(1)
fPLL=11.79848 GHz, [1KHz, 100MHz]
-43.4
dBc/Hz
fPLL=8.8536 GHz, [1KHz, 100MHz]
-47.6
dBc/Hz
fPLL=9.8304 GHz, [1KHz, 100MHz]
-46.2
dBc/Hz
fPFD
PFD frequency
100
500
MHz
PNpll_flat
Normalized PLL flat Noise
fVCO = 11796.48MHz
–226.5
dBc/Hz
FREF
Input Clock frequency
0.1
12
GHz
VSS
Input Clock level
0.6
1.8
Vppdiff
AFE7903
SBASAK2 – MARCH 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com