Electronic Components Datasheet Search
  English  ▼

X  

AFE7903 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7903
Description  AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7903 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AFE7903 Datasheet HTML 20Page - Texas Instruments AFE7903 Datasheet HTML 21Page - Texas Instruments AFE7903 Datasheet HTML 22Page - Texas Instruments AFE7903 Datasheet HTML 23Page - Texas Instruments AFE7903 Datasheet HTML 24Page - Texas Instruments AFE7903 Datasheet HTML 25Page - Texas Instruments AFE7903 Datasheet HTML 26Page - Texas Instruments AFE7903 Datasheet HTML 27Page - Texas Instruments AFE7903 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 152 page
background image
6.8 Power Supply Electrical Characteristics
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; TX Input Rate = 737.28MSPS,
fDAC = 8847.36MSPS interleave mode; fADC = 2949.12MSPS; nominal power supplies; 1 tone at -1 dBFS; DSA Attenuation
=0dB; SerDes rate = 24.33Gbps; unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 1a: 2T2R - TDD, 50%/50% duty cycle
TX: 125 MSPS input, 24x Int, fDAC = 3 GSPS
RX: fADC = 1.5 GSPS, 12x Dec, 125 MSPS output
fOUT=fIN= 400 MHz
Serdes: 8b/10b, 10 Gbps TX/RX LMFS: 1-4-8-1
260
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
297
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
70
mA
IVDD1P2
Group 2A: VDD1P2FB + VDD1P2RX
89
mA
Group 2B: VDD1P2TXCLK +
VDD1P2TXENC
288
mA
Group 2C: VDD1P2FBCML +
VDD1P2RXCML + VDD1P2PLLCLKREF
76
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
536
mA
Pdiss
Power Dissipation
2166
mW
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 1b: 2T2R - TX active, RX in standby,
TX: 125 MSPS input, 24x Int, fDAC = 3 GSPS
RX: fADC = 1.5 GSPS, 12x Dec, 125 MSPS output
fOUT=fIN= 400 MHz
Serdes: 8b/10b, 10 Gbps TX/RX LMFS: 1-4-8-1
205
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
282
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
71
mA
IVDD1P2
Group 2A: VDD1P2FB + VDD1P2RX
21
mA
Group 2B: VDD1P2TXCLK +
VDD1P2TXENC
365
mA
Group 2C: VDD1P2FBCML +
VDD1P2RXCML + VDD1P2PLLCLKREF
76
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
499
mA
Pdiss
Power Dissipation
2014
mW
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 1c: 2T2R - RX active, TX in standby
TX: 125 MSPS input, 24x Int, fDAC = 3 GSPS
RX: fADC = 1.5 GSPS, 12x Dec, 125 MSPS output
fOUT=fIN= 400 MHz
Serdes: 8b/10b, 10 Gbps TX/RX LMFS: 1-4-8-1
315
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
313
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
70
mA
IVDD1P2
Group 2A: VDD1P2FB + VDD1P2RX
157
mA
Group 2B: VDD1P2TXCLK +
VDD1P2TXENC
211
mA
Group 2C: VDD1P2FBCML +
VDD1P2RXCML + VDD1P2PLLCLKREF
76
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
573
mA
Pdiss
Power Dissipation
2318
mW
AFE7903
SBASAK2 – MARCH 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com