Electronic Components Datasheet Search
  English  ▼

X  

AFE7903 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7903
Description  AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7903 Datasheet(HTML) 3 Page - Texas Instruments

  AFE7903 Datasheet HTML 1Page - Texas Instruments AFE7903 Datasheet HTML 2Page - Texas Instruments AFE7903 Datasheet HTML 3Page - Texas Instruments AFE7903 Datasheet HTML 4Page - Texas Instruments AFE7903 Datasheet HTML 5Page - Texas Instruments AFE7903 Datasheet HTML 6Page - Texas Instruments AFE7903 Datasheet HTML 7Page - Texas Instruments AFE7903 Datasheet HTML 8Page - Texas Instruments AFE7903 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 152 page
background image
4 Description (continued)
Each receiver chain includes a 25 dB range DSA (Digital Step Attenuator), followed by a 3 GSPS ADC (analog-
to-digital converter). Each receiver channel has an analog peak power detector and various digital power
detectors to assist an external or internal autonomous automatic gain controller, and RF overload detectors for
device reliability protection. Flexible decimation options provide optimization of data bandwidth up to 400 MHz
for two RX.
The device contains a SYSREF timing detector to allow optimization of the SYSREF input timing relative to the
device clock.
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
March 2022
*
Initial Release
www.ti.com
AFE7903
SBASAK2 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AFE7903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com