Electronic Components Datasheet Search
  English  ▼

X  

AFE7903 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7903
Description  AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7903 Datasheet(HTML) 42 Page - Texas Instruments

Back Button AFE7903 Datasheet HTML 38Page - Texas Instruments AFE7903 Datasheet HTML 39Page - Texas Instruments AFE7903 Datasheet HTML 40Page - Texas Instruments AFE7903 Datasheet HTML 41Page - Texas Instruments AFE7903 Datasheet HTML 42Page - Texas Instruments AFE7903 Datasheet HTML 43Page - Texas Instruments AFE7903 Datasheet HTML 44Page - Texas Instruments AFE7903 Datasheet HTML 45Page - Texas Instruments AFE7903 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 152 page
background image
6.11.2 RX Typical Characteristics at 800 MHz (continued)
Typical values at TA = +25°C, ADC Sampling Rate = 2949.12 GHz. Default conditions: output sample rate = 491.52 MSPS
(decimate by 6), PLL clock mode with fREF = 491.52 MHz, AIN = –3 dBFS, DSA setting = 4 dB.
DSA (dB)
0
5
10
15
20
25
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
1RX
3RX
With 0.8 GHz matching
Integrated Amplitude Error = PIN(DSA Setting) – PIN(DSA
Setting = 0) + (DSA Setting)
Figure 6-56. RX Calibrated Integrated Amplitude Error vs DSA
Setting at 2.6 GHz
DSA (dB)
0
5
10
15
20
25
-0.4
-0.2
0
0.2
0.4
0.6
1RX
3RX
With 0.8 GHz matching
Differential Phase Error = PhaseIN(DSA Setting – 1) –
PhaseIN(DSA Setting)
Figure 6-57. RX Uncalibrated Differential Phase Error vs DSA
Setting at 0.8 GHz
DSA (dB)
0
5
10
15
20
25
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
1RX
3RX
With 0.8 GHz matching
Differential Phase Error = PhaseIN(DSA Setting – 1) –
PhaseIN(DSA Setting)
Figure 6-58. RX Calibrated Differential Phase Error vs DSA
Setting at 0.8 GHz
DSA (dB)
0
5
10
15
20
25
-1.2
-0.9
-0.6
-0.3
0
0.3
0.6
0.9
1.2
1RX
3RX
With 0.8 GHz matching
Integrated Phase Error = Phase(DSA Setting) – Phase(DSA
Setting = 0)
Figure 6-59. RX Uncalibrated Integrated Phase Error vs DSA
Setting at 0.8 GHz
DSA (dB)
0
5
10
15
20
25
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
1RX
3RX
With 0.8 GHz matching
Integrated Phase Error = Phase(DSA Setting) – Phase(DSA
Setting = 0)
Figure 6-60. RX Calibrated Integrated Phase Error vs DSA
Setting at 0.8 GHz
Output Frequency (MHz)
-250 -200 -150 -100
-50
0
50
100
150
200
250
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
SNR = 63.2dBFS
With 0.8 GHz matching, fIN = 840 MHz, AIN= –3 dBFS
Figure 6-61. RX Output FFT at 0.8 GHz
AFE7903
SBASAK2 – MARCH 2022
www.ti.com
42
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com