Electronic Components Datasheet Search
  English  ▼

X  

AFE7903 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7903
Description  AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7903 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AFE7903 Datasheet HTML 65Page - Texas Instruments AFE7903 Datasheet HTML 66Page - Texas Instruments AFE7903 Datasheet HTML 67Page - Texas Instruments AFE7903 Datasheet HTML 68Page - Texas Instruments AFE7903 Datasheet HTML 69Page - Texas Instruments AFE7903 Datasheet HTML 70Page - Texas Instruments AFE7903 Datasheet HTML 71Page - Texas Instruments AFE7903 Datasheet HTML 72Page - Texas Instruments AFE7903 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 152 page
background image
6.11.7 RX Typical Characteristics 6.8 GHz (continued)
Typical values at TA = +25°C. Default conditions at 30 MHz: ADC Sampling Rate = 3000 MSPS, output sample rate = 500
MSPS (decimate by 6x), External clock mode , AIN = –3 dBFS, DSA setting = 3 dB.
Calibrated at 25°C, held at -40 and 110°C
Figure 6-208. RX Calibrated Differential Phase Error at 6.851
GHz
DSA Setting (dB)
0
2
4
6
8
10 12 14 16 18 20 22 24 26
-20
-15
-10
-5
0
5
10
15
20
-40
C
25
C
110
C
Figure 6-209. RX Uncalibrated Integrated Phase Error at 6.851
GHz
Calibrated at 25°C, held at -40 and 110°C
Figure 6-210. RX Calibrated Integrated Phase Error at 6.851 GHz
FIN = 6.851 GHz, FNCO = 6.85GHz
Figure 6-211. RX Output FFT at 6.851 GHz and -3 dBFS
Output Frequency (MHz)
-250 -200 -150 -100 -50
0
50
100 150 200 250
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
FIN = 6.851 GHz, FNCO = 6.85GHz
Figure 6-212. RX Output FFT at 6.851GHz and -6dBFS
Output Frequency (MHz)
-250 -200 -150 -100 -50
0
50
100 150 200 250
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
FIN = 6.851 GHz, FNCO = 6.85GHz
Figure 6-213. RX Output FFT at 6.851 GHz and -12 dBFS
www.ti.com
AFE7903
SBASAK2 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: AFE7903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com