Electronic Components Datasheet Search
  English  ▼

X  

AFE7903 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7903
Description  AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7903 Datasheet(HTML) 80 Page - Texas Instruments

Back Button AFE7903 Datasheet HTML 76Page - Texas Instruments AFE7903 Datasheet HTML 77Page - Texas Instruments AFE7903 Datasheet HTML 78Page - Texas Instruments AFE7903 Datasheet HTML 79Page - Texas Instruments AFE7903 Datasheet HTML 80Page - Texas Instruments AFE7903 Datasheet HTML 81Page - Texas Instruments AFE7903 Datasheet HTML 82Page - Texas Instruments AFE7903 Datasheet HTML 83Page - Texas Instruments AFE7903 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 152 page
background image
6.11.8 TX Typical Characteristics at 30 MHz and 600 MHz (continued)
Typical values at TA = +25°C with nominal supplies. Default conditions: TX input data rate = 125 MSPS, fDAC = 6000
MSPS (48x interpolation), interleave mode, 1st Nyquist zone output, PLL clock mode with fREF = 500 MHz. Additional default
conditions for all plots, AOUT = –1 dBFS, DSA = 0 dB, Sin(x)/x enabled, Dither = 1, DSA calibrated, TX Clock Dither Enabled
Integrated Phase Error = PhaseOUT(DSA Setting) –
PhaseOUT(DSASetting = 0)
Figure 6-269. Calibrated TX Integrated Phase Error (INL) at 400
MHz
Figure 6-270. Single Tone Spectrum at 400 MHz and -1 dBFS
(Nyquist)
Figure 6-271. Single Tone Spectrum at 400 MHz and -1 dBFS
(±100MHz)
Figure 6-272. Single Tone Spectrum at 400 MHz and -6 dBFS
(Nyquist)
Figure 6-273. Single Tone Spectrum at 400 MHz and -6 dBFS
(±100MHz)
Figure 6-274. Single Tone Spectrum at 400 MHz and -12 dBFS
(Nyquist)
AFE7903
SBASAK2 – MARCH 2022
www.ti.com
80
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com