Electronic Components Datasheet Search
  English  ▼

X  

MAX8798 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX8798
Description  Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8798 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX8798 Datasheet HTML 9Page - Maxim Integrated Products MAX8798 Datasheet HTML 10Page - Maxim Integrated Products MAX8798 Datasheet HTML 11Page - Maxim Integrated Products MAX8798 Datasheet HTML 12Page - Maxim Integrated Products MAX8798 Datasheet HTML 13Page - Maxim Integrated Products MAX8798 Datasheet HTML 14Page - Maxim Integrated Products MAX8798 Datasheet HTML 15Page - Maxim Integrated Products MAX8798 Datasheet HTML 16Page - Maxim Integrated Products MAX8798 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Internal-Switch Boost Regulator with
Integrated 3-Channel Scan Driver for TFT LCDs
______________________________________________________________________________________
13
Pin Description
PIN
NAME
FUNCTION
1
CKV
High-Voltage, Gate-Pulse Output. When enabled, CKV toggles between its high state (connected to
GON) and its low state (connected to GOFF) on each falling edge of the CPV input. Further, CKV is high
impedance whenever CPV and OE are both low or whenever CPV is low and OECON is high.
2
CKVCS
CKV Charge-Sharing Connection. CKVCS connects to CKV whenever CKV is high impedance to allow
connection to CKVB, sharing charge between the capacitive loads on these two outputs.
3
CKVBCS
CKVB Charge-Sharing Connection. CKVBCS connects to CKVB whenever CKVB is high impedance to
allow connection to CKV, sharing charge between the capacitive loads on these two outputs.
4
CKVB
High-Voltage, Gate-Pulse Output. CKVB is the inverse of CKV during active states and is high
impedance whenever CKV is high impedance.
5
STVP
High-Voltage, Start-Pulse Output. STVP is low (connected to GOFF) whenever STV is low and is high
(connected to GON) only when STV is high and CPV and OE are both low. When STV is high and either
CPV or OE is high, STVP is high impedance.
6
STV
Vertical Sync Input. The rising edge of STV begins a frame of data. The STV input is used to generate the
high-voltage STVP output.
7
OECON
Active-Low, Output-Enable Timing Input. OECON is driven by an RC-filtered version of the OE input signal. If
OE remains high long enough for the resistor to charge the capacitor up to the OECON threshold, the OE
signal is masked until OE goes low and the capacitor is discharged below the threshold through the resistor.
8
OE
Active-High, Gate-Pulse Output Enable. CKV and CKVB leave the high-impedance charge-sharing state
on the rising edge of OE.
9
CPV
Vertical Clock-Pulse Input. CPV controls the timing of the CKV and CKVB outputs that change state (by
first sharing charge) on its falling edge.
10
GND
Logic Ground
11
DISH
GOFF Discharge Input. Pulling DISH below ground activates an internal connection between GOFF and
GND, rapidly discharging the GOFF supply. Typically, DISH is capacitively connected to IN, so that
when VIN falls GOFF is discharged.
12
VDD
Supply Input. Logic supply input for the VCOM calibrator. Bypass to GND through a minimum 0.1μF
capacitor.
13
WPN
Active-Low, Write-Protect Input. When WPN is low, I2C commands are ignored and the VCOM calibrator
settings cannot be modified.
14
SCLS
Alternate I2C-Compatible Clock Input. When WPN is high, SCLS connects to SCL to drive SCL from an
alternate clock source.
15
SCL
I2C-Compatible Clock Input and Output
16
SDA
I2C-Compatible Serial Bidirectional Data Line
17
WPP
Write-Protect Output. WPP is the inverse of WPN. It can be used to control active-high, write-protect
inputs on other devices.
18
SET
Full-Scale, Sink-Current Adjustment Input. Connect a resistor, RSET, from SET to GND to set the full-
scale adjustable sink current that is VBOOST / (20 x RSET). IOUT is equal to the current through RSET.
19
VL
3.3V On-Chip Regulator Output. This regulator powers internal analog circuitry for the step-up regulator,
op amp, and VCOM calibrator. External loads up to 10mA can be powered. Bypass VL to GND with a
0.22μF or greater ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com