Electronic Components Datasheet Search
  English  ▼

X  

MAX8798 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX8798
Description  Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8798 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX8798 Datasheet HTML 18Page - Maxim Integrated Products MAX8798 Datasheet HTML 19Page - Maxim Integrated Products MAX8798 Datasheet HTML 20Page - Maxim Integrated Products MAX8798 Datasheet HTML 21Page - Maxim Integrated Products MAX8798 Datasheet HTML 22Page - Maxim Integrated Products MAX8798 Datasheet HTML 23Page - Maxim Integrated Products MAX8798 Datasheet HTML 24Page - Maxim Integrated Products MAX8798 Datasheet HTML 25Page - Maxim Integrated Products MAX8798 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Internal-Switch Boost Regulator with
Integrated 3-Channel Scan Driver for TFT LCDs
22
______________________________________________________________________________________
Design Procedure
Main Step-Up Regulator
Inductor Selection
The minimum inductance value, peak current rating, and
series resistance are factors to consider when selecting
the inductor. These factors influence the converter’s effi-
ciency, maximum output-load capability, transient
response time, and output-voltage ripple. Physical size
and cost are also important factors to be considered.
The maximum output current, input voltage, output volt-
age, and switching frequency determine the inductor
value. Very high inductance values minimize the cur-
rent ripple, and therefore, reduce the peak current that
decreases core losses in the inductor and I2R losses in
the entire power path. However, large inductor values
also require more energy storage and more turns of
wire that increase physical size and can increase I2R
losses in the inductor. Low inductance values decrease
the physical size, but increase the current ripple and
peak current. Finding the best inductor involves choos-
ing the best compromise between circuit efficiency,
inductor size, and cost.
The equations used here include a constant called LIR
that is the ratio of the inductor peak-to-peak ripple cur-
rent to the average DC inductor current at the full-load
current. The best trade-off between inductor size and
circuit efficiency for step-up regulators generally has an
LIR between 0.3 and 0.5. However, depending on the
AC characteristics of the inductor core material and
ratio of inductor resistance to other power-path resis-
tances, the best LIR can shift up or down. If the induc-
tor resistance is relatively high, more ripple can be
accepted to reduce the number of turns required and
increase the wire diameter. If the inductor resistance is
relatively low, increasing inductance to lower the peak
current can decrease losses throughout the power
path. If extremely thin high-resistance inductors are
used, as is common for LCD panel applications, the
best LIR can increase to between 0.5 and 1.0.
Once a physical inductor is chosen, higher and lower
values of the inductor should be evaluated for efficien-
cy improvements in typical operating regions.
In Figure 2, the LCD’s gate-on and gate-off supply volt-
ages are generated from two unregulated charge
pumps driven by the step-up regulator’s LX node. The
additional load on LX must therefore be considered in
the inductance and current calculations. The effective
maximum output current, IMAIN(EFF) becomes the sum
of the maximum load current of the step-up regulator’s
output plus the contributions from the positive and neg-
ative charge pumps:
where IMAIN(MAX) is the maximum step-up output cur-
rent, nNEG is the number of negative charge-pump
stages, nPOS is the number of positive charge-pump
stages, INEG is the negative charge-pump output cur-
rent, and IPOS is the positive charge-pump output cur-
rent, assuming the initial pump source for IPOS is
VMAIN.
Calculate the approximate inductor value using the typ-
ical input voltage (VIN), the maximum output current
(IMAIN(EFF)), the expected efficiency (ηTYP) taken from
an appropriate curve in the
Typical Operating Char-
acteristics, and an estimate of LIR based on the above
discussion:
Choose an available inductor value from an appropriate
inductor family. Calculate the maximum DC input cur-
rent at the minimum input voltage VIN(MIN) using con-
servation of energy and the expected efficiency at that
operating point (ηMIN) taken from an appropriate curve
in the
Typical Operating Characteristics:
Calculate the ripple current at that operating point and
the peak current required for the inductor:
The inductor’s saturation current rating and the
MAX8798’s LX current limit (ILIM) should exceed IPEAK
and the inductor’s DC current rating should exceed
IIN(DC,MAX). For good efficiency, choose an inductor
with less than 0.1
Ω series resistance.
Considering Figure 2, the maximum load current
(IMAIN(MAX)) is 300mA, with an 8V output and a typical
input voltage of 3.3V. The effective full-load step-up
current is:
ImA
mA
mA
mA
MAIN EFF
()
()
=+ ×
+ + ×
=
300
2 20
2 1
20
400
II
I
PEAK
IN DCMAX
RIPPLE
=+
(,
)
2
I
VV
V
LV
f
RIPPLE
IN MIN
MAIN
IN MIN
MAIN
OSC
=
×−
()
××
()
()
I
IV
V
IN DCMAX
MAIN EFF
MAIN
IN MIN
MIN
(,
)
()
()
=
×
×η
L
V
V
VV
I
f
LIR
IN
MAIN
MAIN
IN
MAIN EFF
OSC
TYP
= ⎛
⎝⎜
⎞
⎠⎟
−
×
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝⎜
⎞
⎠⎟
2
()
η
II
n
I
n
I
MAIN EFF
MAIN MAX
NEG
NEG
POS
POS
()
(
)
()
=+
×
+
+ ×
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com