Electronic Components Datasheet Search
  English  ▼

X  

MAX8798 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8798
Description  Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8798 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8798 Datasheet HTML 1Page - Maxim Integrated Products MAX8798 Datasheet HTML 2Page - Maxim Integrated Products MAX8798 Datasheet HTML 3Page - Maxim Integrated Products MAX8798 Datasheet HTML 4Page - Maxim Integrated Products MAX8798 Datasheet HTML 5Page - Maxim Integrated Products MAX8798 Datasheet HTML 6Page - Maxim Integrated Products MAX8798 Datasheet HTML 7Page - Maxim Integrated Products MAX8798 Datasheet HTML 8Page - Maxim Integrated Products MAX8798 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Internal-Switch Boost Regulator with
Integrated 3-Channel Scan Driver for TFT LCDs
4
_______________________________________________________________________________________
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
2-WIRE INTERFACE
Logic-Input Low Voltage (VIL)
SDA, SCL, WPN, VDD = 3V
0.3 x
VDD
V
Logic-Input High Voltage (VIH)
SDA, SCL, WPN, VDD = 3V
0.7 x
VDD
V
WPP Logic-Output Low Voltage
IWPP = 1mA
+0.1
V
WPP Logic-Output High Voltage
IWPP = 1mA
VDD -
0.1
V
SDA Logic-Output Low Sink Current
SDA forced to 3.3V
6
mA
Logic Input Current
SDA, SCL, SCL_S,WPN to VDD or GND
-1
+1
μA
Input Capacitance
SDA, SCL, SCL_S
5
pF
SCL Frequency (fCLK)
DC
500
kHz
SCL High Time (tCLH)
600
ns
SCL Low Time (tCLL)
1300
ns
SDA, SCL, SCLS Rise Time (tR)
CBUS = total capacitance of bus line in pF
20 + 10
x CBUS
300
ns
SDA, SCL, SCLS Fall Time (tF)
CBUS = total capacitance of bus line in pF
20 + 10
x CBUS
300
ns
START Condition Hold Time
(tHDSTT)
10% of SDA to 90% of SCL
600
ns
START Condition Setup Time
(tSVSTT)
600
ns
Data Input Hold Time (tHDDAT)
0
ns
Data Input Setup Time (tSUDAT)
150
ns
STOP Condition Setup Time
(tSVSTP)
600
ns
Bus Free Time (tUF)
1300
ns
Input Filter Spike Suppression (tSP) SDA, SCL (Note 5)
250
ns
WPN = GND
1
M
SCL-SCLS Switch Resistance
WPN = VDD
20
50
HIGH-VOLTAGE SCAN DRIVER
GON Input Voltage Range
12
45
V
GOFF Input Voltage Range
-25
-2
V
GON to GOFF
VGON - VGOFF
65
V
GON Supply Current
STV, CPV, OE, OECON = AGND
250
350
μA
GOFF Supply Current
STV, CPV, OE, OECON = AGND
100
200
μA
Output-Voltage Low
CKV, CKVB, STVP,
-5mA output current
VGOFF
+ 0.2
VGOFF
+ 0.05
V
Output-Voltage High
CKV, CKVB, STVP,
5mA output current
VGON
- 0.05
VGON
- 0.2
V
Propagation Delay Between OE
Rising Edge and CKV/CKVB Edge
VCPV = 0, VSTV = 0, CLOAD = 4.7nF, 50
250
450
ns
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VDD = VSHDN = +3V, circuit of Figure 2, VBOOST = 8V, VGON = 23V, VGOFF = -12V, VPOS = 0, VNEG = 1.5V, VOE = VCPV =
VSTV = VOECON = 0, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com