Electronic Components Datasheet Search
  English  ▼

X  

MAX8798 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX8798
Description  Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8798 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX8798 Datasheet HTML 16Page - Maxim Integrated Products MAX8798 Datasheet HTML 17Page - Maxim Integrated Products MAX8798 Datasheet HTML 18Page - Maxim Integrated Products MAX8798 Datasheet HTML 19Page - Maxim Integrated Products MAX8798 Datasheet HTML 20Page - Maxim Integrated Products MAX8798 Datasheet HTML 21Page - Maxim Integrated Products MAX8798 Datasheet HTML 22Page - Maxim Integrated Products MAX8798 Datasheet HTML 23Page - Maxim Integrated Products MAX8798 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Internal-Switch Boost Regulator with
Integrated 3-Channel Scan Driver for TFT LCDs
20
______________________________________________________________________________________
High-Voltage Level-Shifting Scan Driver
The MAX8798 includes a 3-channel high-voltage (60V)
level-shifting scan driver that includes logic functions
necessary to drive row driver functions on the panel
glass (Figure 5). The driver outputs (CKV, CKVB, STVP)
swing between their power-supply rails (GON and
GOFF) according to the input logic levels on the block’s
inputs (STV, CPV, OE, and OECON) and the internal
logic of the block (Tables 3, 4). STV is the vertical sync
signal. CPV is the horizontal sync signal. OE is the output
enable signal. OECON is a timing signal derived from
OE that blanks OE if it stays high too long. These signals
have CMOS input logic levels set by the IN supply volt-
age. CKV and CKVB are complementary scan clock out-
puts. STVP is the output scan start signal. These output
signals swing from GON to GOFF that have a maximum
range of +45V and -25V. Their 10
Ω (typ) output imped-
ance enables them to swiftly drive capacitive loads. The
complementary CKV and CKVB outputs feature power-
saving, charge-sharing inputs (CKVCS, CKVBCS) that
can be used to save power by shorting each output to its
complement during transitions, making a portion of the
transition “lossless.”
PANEL GLASS
COLUMN DRIVER
SCAN DRIVER
SYSTEM
VIDEO
TIMING
STV
CKVB
STVP
CKV
OE
CPV
CKV = SCAN CLK ODD
CKVB = SCAN CLK EVEN
STVP = HIGH-VOLTAGE STV
MAX8798
Figure 5. Scan Driver System Diagram
Table 3. STVP Logic
SIGNAL
LOGIC STATE
STV
H
H
H
L
OECON
X
X
X
X
CPV
L
H
X
X
OE
L
X
H
X
STVP
H
Hi-Z
Hi-Z
L
X
= Don’t care.
Table 4. CKV, CKVB Logic
SIGNAL
LOGIC STATE
STV
H
H
H
L
L
L
L
L
OECON
X
X
X
L
L
L
H
H
CPV
L
H
X
L
—
X
L
—
OE
L
X
H
L
X
—
X
X
CKV
L
H
H
CS
Toggle
Toggle
CS
Toggle
CKVB
H
L
L
CS
Toggle
Toggle
CS
Toggle
X
= Don’t care. CS = Charge share state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com