Electronic Components Datasheet Search
  English  ▼

X  

MAX8798 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8798
Description  Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8798 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8798 Datasheet HTML 1Page - Maxim Integrated Products MAX8798 Datasheet HTML 2Page - Maxim Integrated Products MAX8798 Datasheet HTML 3Page - Maxim Integrated Products MAX8798 Datasheet HTML 4Page - Maxim Integrated Products MAX8798 Datasheet HTML 5Page - Maxim Integrated Products MAX8798 Datasheet HTML 6Page - Maxim Integrated Products MAX8798 Datasheet HTML 7Page - Maxim Integrated Products MAX8798 Datasheet HTML 8Page - Maxim Integrated Products MAX8798 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Internal-Switch Boost Regulator with
Integrated 3-Channel Scan Driver for TFT LCDs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VDD = VSHDN = +3V, circuit of Figure 2, VBOOST = 8V, VGON = 23V, VGOFF = -12V, VPOS = 0, VNEG = 1.5V, VOE = VCPV =
VSTV = VOECON = 0, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, VL, SHDN to AGND .........................................-0.3V to +7.5V
VDD, SDA, SCL, SCLS, WPN, WPP, SET to GND...-0.3V to +4.0V
OECON, CPV, OE, STV to AGND..........................-0.3V to +4.0V
COMP, FB to AGND ......................................-0.3V to (VL + 0.3V)
DISH to GND ............................................................-6V to +2.0V
LX to PGND ............................................................-0.3V to +20V
OUT, VCOM, NEG, POS to BGND........-0.3V to (BOOST + 0.3V)
PGND, BGND, AGND to GND...............................-0.3V to +0.3V
GON to AGND ........................................................-0.3V to +50V
GOFF to AGND .............................................-30V to (VIN + 0.3V)
GON to GOFF ......................................................................+70V
BOOST to BGND ....................................................-0.3V to +20V
CKV, CKVB, STVP, CKVCS,
CKVBCS to AGND..................(GOFF - 0.3V) to (GON + 0.3V)
LX, PGND RMS Current Rating.............................................2.4A
Continuous Power Dissipation (TA = +70°C)
NiPd Lead Frame with Nonconductive Epoxy
36-Pin, 6mm x 6mm Thin QFN
(derate 27.2mW/°C above +70°C) .........................2179.8mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD Input Voltage Range
1.8
4.0
V
VDD Quiescent Current
VDD = 3V
4
10
μA
VDD Undervoltage Lockout
VDD rising; typical hysteresis 100mV
1.3
1.75
V
IN Input Voltage Range
(Note 1)
1.8
6.0
V
IN Quiescent Current
VIN = 3V, VFB = 1.5V, not switching
0.04
0.1
mA
IN Undervoltage Lockout
IN rising; typical hysteresis 100mV
1.4
1.75
V
Thermal Shutdown
Rising edge, hysteresis = 15
oC
160
oC
BOOTSTRAP LINEAR REGULATOR (VL)
VL Output Voltage
IVL = 100μA
3.15
3.3
3.45
V
VL Undervoltage Lockout
VL rising, typical hysteresis 200mV
2.4
2.7
3.0
V
VL Maximum Output Current
VFB = 1.1V
10
mA
MAIN DC-DC CONVERTER
LX not switching, no load on VL
1.5
2
BOOST Supply Current
LX switching, no load on VL
3
4
mA
Operating Frequency
990
1170
1350
kHz
Oscillator Maximum Duty Cycle
88
92
96
%
FB Regulation Voltage
1.216
1.235
1.254
V
FB Load Regulation
0 < ILOAD < 200mA, transient only
-1
%
FB Line Regulation
VIN = 1.8V to 5.5V, FB to COMP
-0.15
-0.08
+0.15
%/V
FB Input Bias Current
VFB = 1.25V
50
125
200
nA
FB Transconductance
I = 5μA at COMP
70
160
280
μS
FB Voltage Gain
FB to COMP
2400
V/V
FB Fault Timer Trip Threshold
Falling edge
0.96
1
1.04
V
LX On-Resistance
ILX = 1.2A
150
300
m
LX Leakage Current
VLX = 18V
0.01
20
μA
LX Current Limit
Duty cycle = 65%
1.6
1.9
2.2
A
Current-Sense Transresistance
0.25
0.42
0.55
V/A
Soft-Start Period
3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com