Electronic Components Datasheet Search
  English  ▼

X  

MAX8798 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX8798
Description  Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8798 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX8798 Datasheet HTML 17Page - Maxim Integrated Products MAX8798 Datasheet HTML 18Page - Maxim Integrated Products MAX8798 Datasheet HTML 19Page - Maxim Integrated Products MAX8798 Datasheet HTML 20Page - Maxim Integrated Products MAX8798 Datasheet HTML 21Page - Maxim Integrated Products MAX8798 Datasheet HTML 22Page - Maxim Integrated Products MAX8798 Datasheet HTML 23Page - Maxim Integrated Products MAX8798 Datasheet HTML 24Page - Maxim Integrated Products MAX8798 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Internal-Switch Boost Regulator with
Integrated 3-Channel Scan Driver for TFT LCDs
______________________________________________________________________________________
21
SDA
SCL
VDD
BOOST
RSET
SET
VDD
OUT
VGON
GON
R4
R3
VCOM
VMAIN
EEPROM
BLOCK
DAC
19R
R
7
7
VDD
LINEAR
REGULATOR
POS
NEG
WPN
WPP
SCLS
VCOM
I2C BUS
I2C
CONTROL
INTERFACE
Figure 6. VCOM Calibrator Functional Diagram
GOFF Rapid Discharge Function
(DISH Input)
The DISH input controls a switch between GOFF and
GND. When DISH is pulled below ground by at least
1V, GOFF is rapidly discharged to GND. Typically,
DISH is capacitively coupled to IN so that if IN falls
suddenly, GOFF is discharged to blank the display
(Figure 3).
VCOM Calibrator
The VCOM calibrator is a solid-state alternative to
mechanical potentiometers used for adjusting the LCD
backplane voltage (VCOM) in TFT LCD displays. OUT
attaches to the external resistive voltage-divider at POS
and sinks a programmable current (IOUT), which sets the
VCOM level (Figure 6). An internal 7-bit DAC controls the
sink current and allows the user to increase or decrease
the VCOM level. The DAC is ratiometrically relative to
VBOOST and is monotonic over all operating conditions.
The user can store the DAC setting in an internal
EEPROM. On power-up, the EEPROM presets the DAC
to the last stored setting. The 2-wire I2C interface
between the system controller and the programming cir-
cuit adjusts the DAC and programs the EEPROM when
WPN is high.
The resistive voltage-divider and the BOOST supply set
the maximum value of VCOM. OUT sinks current from the
voltage-divider to reduce the POS voltage level and
VCOM output. The external resistor at SET (RSET) sets the
full-scale sink current and the minimum value of VCOM.
The GON input provides the high voltage required to
program the EEPROM. To allow programming, VGON is
connected to the TFT LCD VGON supply. VGON should
be between 16.1V and 35V. EEPROM programming is
disabled when VGON is below 15.5V (typ). Bypass
VGON to PGND or BOOST (that is bypassed to PGND)
with a 0.1µF or greater capacitor.
Thermal-Overload Protection
The thermal-overload protection prevents excessive
power dissipation from overheating the device. When
the junction temperature exceeds TJ = +160°C, a ther-
mal sensor immediately activates the fault protection
that shuts down the step-up regulator, switch control
block, operational amplifier, and the internal linear reg-
ulator, allowing the device to cool down. Once the
device cools down by approximately 15°C, cycle the
input voltage (below the UVLO falling threshold) to
clear the fault latch and reactivate the device.
The thermal-overload protection protects the controller
in the event of fault conditions. For continuous opera-
tion, do not exceed the absolute maximum junction
temperature rating of TJ = +150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com