Electronic Components Datasheet Search
  English  ▼

X  

MAX8798 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8798
Description  Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8798 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8798 Datasheet HTML 1Page - Maxim Integrated Products MAX8798 Datasheet HTML 2Page - Maxim Integrated Products MAX8798 Datasheet HTML 3Page - Maxim Integrated Products MAX8798 Datasheet HTML 4Page - Maxim Integrated Products MAX8798 Datasheet HTML 5Page - Maxim Integrated Products MAX8798 Datasheet HTML 6Page - Maxim Integrated Products MAX8798 Datasheet HTML 7Page - Maxim Integrated Products MAX8798 Datasheet HTML 8Page - Maxim Integrated Products MAX8798 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Internal-Switch Boost Regulator with
Integrated 3-Channel Scan Driver for TFT LCDs
_______________________________________________________________________________________
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OPERATIONAL AMPLIFIER
BOOST Supply Range
5
18
V
BOOST Overvoltage
Fault Threshold
(Note 2)
18.1
19
19.9
V
BOOST Undervoltage
Fault Threshold
(Note 3)
1.0
1.4
V
Large-Signal Voltage Gain
1V < (VNEG, VPOS) < (VBOOST - 1V)
120
dB
Common-Mode Rejection Ratio
1V < (VNEG, VPOS) < (VBOOST - 1V)
75
dB
1V < (VNEG, VPOS) < (VBOOST - 1V)
-25
-5
+25
Input Offset Voltage
VBOOST/2
-15
-2.5
+12
mV
Input Bias Current
1V < (VNEG, VPOS) < (VBOOST - 1V)
-50
+50
nA
Input Common-Mode
Voltage Range
1V < (VNEG, VPOS) < (VBOOST - 1V)
0
VBOOST
V
VCOM Output Voltage
Swing High
IVCOM = 5mA
VBOOST
- 100
VBOOST
- 50
mV
VCOM Output Voltage Swing Low
IVCOM = -5mA
50
100
mV
VCOM Output-Current High
VVCOM = VBOOST - 1V
-75
mA
VCOM Output-Current Low
VVCOM = 1V
+75
mA
Slew Rate
1V < (VNEG, VPOS) < (VBOOST - 1V)
40
V/μs
-3dB Bandwidth
1V < (VNEG, VPOS) < (VBOOST - 1V)
20
MHz
Short to VBOOST/2, sourcing
50
150
VCOM Short-Circuit Current
Short to VBOOST/2, sinking
50
150
mA
PROGRAMMABLE VCOM CALIBRATOR
GON Input Range
16.1
45.0
V
GON Threshold to Enable Program
Rising edge, 60mV hysteresis
15.6
16.0
V
SET Voltage Resolution
7
Bits
SET Differential Nonlinearity
Monotonic overtemperature
-2
+2
LSB
SET Zero-Scale Error
-1
+1
+2
LSB
SET Full-Scale Error
-3
+3
LSB
SET Current
120
μA
To GND, VBOOST = 18V
8.5
170.0
SET External Resistance
(Note 4)
To GND, VBOOST = 6V
2.5
50.0
k
VSET/VBOOST Voltage Ratio
DAC full scale
0.05
V/V
OUT Leakage Current
When OUT is off
1
nA
OUT Settling Time
To ±0.5 LSB error band
20
μs
OUT Voltage Range
VSET +
0.5V
18
V
EEPROM Write Cycles
(Note 5)
1000
—
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VDD = VSHDN = +3V, circuit of Figure 2, VBOOST = 8V, VGON = 23V, VGOFF = -12V, VPOS = 0, VNEG = 1.5V, VOE = VCPV =
VSTV = VOECON = 0, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com