Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9371BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 24Page - Analog Devices AD9371BBCZ Datasheet HTML 25Page - Analog Devices AD9371BBCZ Datasheet HTML 26Page - Analog Devices AD9371BBCZ Datasheet HTML 27Page - Analog Devices AD9371BBCZ Datasheet HTML 28Page - Analog Devices AD9371BBCZ Datasheet HTML 29Page - Analog Devices AD9371BBCZ Datasheet HTML 30Page - Analog Devices AD9371BBCZ Datasheet HTML 31Page - Analog Devices AD9371BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
AD9371
Data Sheet
Rev. B | Page 28 of 57
0
–45
–35
–20
–10
–25
–40
–30
–15
–5
–60
–50
–40
–30
–20
–10
0
–55
–45
–35
–25
–15
–5
RECEIVER INPUT POWER (dBm)
+110°C
+40°C
–40°C
Figure 76. Receiver Error Vector Magnitude (EVM) vs. Receiver Input Power,
2600 MHz LO, 40 MHz RF Bandwidth, LTE 20 MHz Uplink Centered at DC,
BTC Active, 122.88 MSPS Sample Rate
0
–20
–10
–30
–100
–90
–80
–70
–60
–50
–40
RECEIVER LO FREQUENCY (MHz)
Figure 77. Rx2 to Rx1 Crosstalk vs. Receiver LO Frequency, 40 MHz
RF Bandwidth, CW Tone 3 MHz Offset from LO
30
0
5
10
15
20
25
–50
–45
–40
–35
–30
–25
–20
CLOSE-IN INTERFERER SIGNAL POWER (dBm)
+110°C
+40°C
–40°C
Figure 78. Receiver Noise Figure vs. Close-In Interferer Signal Power,
2614 MHz LO, 2625 MHz CW Interferer, Noise Figure Integrated over
7 MHz to 10 MHz, 40 MHz RF Bandwidth
30
0
5
10
15
20
25
–40
–35
–30
–25
–20
–15
–10
–5
0
OUT-OF-BAND INTERFERER SIGNAL POWER (dBm)
+110°C
+40°C
–40°C
Figure 79. Receiver Noise Figure vs. Out-of-Band Interferer Signal Power,
2614 MHz LO, 2435 MHz CW Interferer, Noise Figure Integrated over
7 MHz to 10 MHz
0
–20
–10
–30
–100
–90
–80
–70
–60
–50
–40
015
10
520
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 80. Transmitter Image vs. RF Attenuation, 40 MHz RF Bandwidth,
2600 MHz LO, Transmitter Quadrature Error Correction (QEC) Tracking Run
with Two 20 MHz LTE Downlink Carriers, Then Image Measured with CW
10 MHz Offset from LO, 3 dB Digital Backoff, 245.76 MSPS Sample Rate
0
–20
–10
–30
–100
–90
–80
–70
–60
–50
–40
–20
10
0
–10
20
5
–5
–15
15
DESIRED OFFSET FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 81. Transmitter Image vs. Desired Offset Frequency, 40 MHz RF
Bandwidth, 2300 MHz LO, 0 dB RF Attenuation, Transmitter QEC Tracking
Run with Two 20 MHz LTE Downlink Carriers, Then Image Measured with
CW Signal, 3 dB Digital Backoff, 245.76 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com