Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9371BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 2Page - Analog Devices AD9371BBCZ Datasheet HTML 3Page - Analog Devices AD9371BBCZ Datasheet HTML 4Page - Analog Devices AD9371BBCZ Datasheet HTML 5Page - Analog Devices AD9371BBCZ Datasheet HTML 6Page - Analog Devices AD9371BBCZ Datasheet HTML 7Page - Analog Devices AD9371BBCZ Datasheet HTML 8Page - Analog Devices AD9371BBCZ Datasheet HTML 9Page - Analog Devices AD9371BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
AD9371
Data Sheet
Rev. B | Page 6 of 57
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Input Third-Order Intercept Point
IIP3
Maximum ORx gain,
IM3 1 MHz offset from LO
700 MHz LO
22
dBm
2600 MHz LO
22
dBm
3500 MHz LO
18
dBm
5500 MHz LO
18
dBm
Input Second-Order Intercept
Point
IIP2
Maximum ORx gain, IM2
1 MHz offset from LO
700 MHz LO
65
dBm
2600 MHz LO
65
dBm
3500 MHz LO
65
dBm
5500 MHz LO
60
dBm
Image Rejection
After online tone calibration
700 MHz LO
65
dB
2600 MHz LO
65
dB
3500 MHz LO
65
dB
5500 MHz LO
65
dB
Input Impedance
200
Ω
Differential
Tx1 to ORx1 Signal and Tx2 to
ORx2 Signal Isolation
700 MHz LO
70
dB
2600 MHz LO
70
dB
3500 MHz LO
70
dB
5500 MHz LO
70
dB
Tx1 to ORx2 Signal and Tx2 to
ORx1 Signal Isolation
700 MHz LO
70
dB
2600 MHz LO
70
dB
3500 MHz LO
70
dB
5500 MHz LO
70
dB
SNIFFER RECEIVER (SnRx)
Center Frequency
300
4000
MHz
Gain Range
0
52
dB
Analog Gain Step
1
dB
BW Ripple
±0.5
dB
20 MHz RF BW, compensated
by programmable FIR filter
Rx Bandwidth
20
MHz
Rx Alias Band Rejection
60
dB
Due to digital filters
Maximum Recommended Input
Power8
−26
dBm
Input is a CW7 signal at 0 dB
attenuation setting
Noise Figure
NF
Maximum gain at
SnRx port, matching losses
de-embedded, gain control
limited to the first 20 steps
700 MHz LO
5
dB
2600 MHz LO
5
dB
3500 MHz LO
7
dB
Input Third-Order Intercept Point
IIP3
Maximum gain, IM3 1 MHz
offset from LO, gain control
limited to the first 20 steps
700 MHz LO
1
dBm
2600 MHz LO
1
dBm
3500 MHz LO
1
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com