Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9371BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 28Page - Analog Devices AD9371BBCZ Datasheet HTML 29Page - Analog Devices AD9371BBCZ Datasheet HTML 30Page - Analog Devices AD9371BBCZ Datasheet HTML 31Page - Analog Devices AD9371BBCZ Datasheet HTML 32Page - Analog Devices AD9371BBCZ Datasheet HTML 33Page - Analog Devices AD9371BBCZ Datasheet HTML 34Page - Analog Devices AD9371BBCZ Datasheet HTML 35Page - Analog Devices AD9371BBCZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
AD9371
Data Sheet
Rev. B | Page 32 of 57
0.10
0.04
0.08
0
–0.10
–0.08
–0.04
0.02
0.06
–0.02
–0.06
020
16
8
412
18
14
6
210
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 100. Tx Attenuation Step Error vs. RF Attenuation, 2600 MHz LO,
2610 MHz CW Desired Signal, 40 MHz RF Bandwidth,
245.76 MSPS Sample Rate
0.5
–0.5
–0.4
–0.3
–0.2
0
0.2
0.4
–0.1
0.1
0.3
–100
–60
–20
40
100
–80
–40
0
80
20
60
FREQUENCY OFFSET FROM LO (MHz)
Figure 101. Transmitter Frequency Response Deviation from Flatness vs.
Frequency Offset from LO, 2600 MHz LO, 100 MHz RF Bandwidth,
6 dB Digital Backoff, 245.76 MSPS Sample Rate
–40
–80
–75
–65
–60
–70
–50
–45
–55
OBSERVATION RECEIVER LO FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 102. Observation Receiver LO Leakage vs. Observation Receiver
LO Frequency, 0 dB Receiver Attenuation, 200 MHz RF Bandwidth,
245.76 MSPS Sample Rate
30
0
5
10
20
25
15
OBSERVATION RECEIVER LO FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 103. Observation Receiver Noise Figure vs. Observation Receiver
LO Frequency, 0 dB Receiver Attenuation, 200 MHz RF Bandwidth,
245.76 MSPS Sample Rate, 100 MHz Integration Bandwidth
80
0
10
20
30
40
60
50
70
0
20406080
110
10
30
50
70
90
100
f1 OFFSET FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 104. Observation Receiver IIP2 vs. f1 Offset Frequency, 2600 MHz LO,
0 dB Attenuation, 200 MHz RF Bandwidth, f2 = f1 + 1 MHz,
245.76 MSPS Sample Rate
80
0
10
20
30
40
60
50
70
5
25
45
65
85
115
15
35
55
75
95
105
INTERMODULATION FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 105. Observation Receiver IIP2 vs. Intermodulation Frequency (f2 − f1),
2600 MHz LO, 0 dB Attenuation, 200 MHz RF Bandwidth,
245.76 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com