Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9371BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 25Page - Analog Devices AD9371BBCZ Datasheet HTML 26Page - Analog Devices AD9371BBCZ Datasheet HTML 27Page - Analog Devices AD9371BBCZ Datasheet HTML 28Page - Analog Devices AD9371BBCZ Datasheet HTML 29Page - Analog Devices AD9371BBCZ Datasheet HTML 30Page - Analog Devices AD9371BBCZ Datasheet HTML 31Page - Analog Devices AD9371BBCZ Datasheet HTML 32Page - Analog Devices AD9371BBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
Data Sheet
AD9371
Rev. B | Page 29 of 57
10
6
8
4
–10
–8
–6
–4
–2
0
2
FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 82. Tx Output Power, Transmitter QEC, and External LO Leakage Active,
5 MHz CW Offset Signal, 1 MHz Resolution Bandwidth,
245.76 MSPS Sample Rate
–60
–100
–95
–85
–80
–70
–90
–75
–65
0
5
10
15
20
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 83. Transmitter LO Leakage vs. RF Attenuation, 2300 MHz LO,
External Transmitter QEC and LO Leakage Tracking Active, CW Signal 10 MHz
Offset from LO, 6 dB Digital Backoff, 1 MHz Measurement Bandwidth
(If Input Power to the ORx Channel Is Not Held Constant,
Device Performance Degrades as Shown in This Figure)
–60
–100
–95
–85
–80
–70
–90
–75
–65
1.8GHz, +110°C
1.8GHz, +40°C
1.8GHz, –40°C
2.3GHz, +110°C
2.3GHz, +40°C
2.3GHz, –40°C
2.8GHz, +110°C
2.8GHz, +40°C
2.8GHz, –40°C
–30
–10
10
–20
0
20
30
OFFSET FREQUENCY (MHz)
Figure 84. Transmitter LO Leakage vs. Offset Frequency, External Transmitter
QEC and LO Leakage Tracking Active, 6 dB Digital Backoff,
1 MHz Measurement Bandwidth
0
–20
–10
–30
–100
–90
–80
–70
–60
–50
–40
RECEIVER LO FREQUENCY (MHz)
Figure 85. Tx1 to Rx1 Crosstalk vs. Receiver LO Frequency,
40 MHz Receiver RF Bandwidth, 40 MHz Transmitter RF Bandwidth,
CW Signal 3 MHz Offset from LO
0
–20
–10
–30
–100
–90
–80
–70
–60
–50
–40
RECEIVER LO FREQUENCY (MHz)
Figure 86. Tx2 to Rx2 Crosstalk vs. Receiver LO Frequency,
40 MHz Receiver RF Bandwidth, 40 MHz Transmitter RF Bandwidth,
CW Signal 3 MHz Offset from LO
0
–20
–10
–30
–100
–90
–80
–70
–60
–50
–40
TRANSMITTER LO FREQUENCY (MHz)
Figure 87. Tx2 to Tx1 Crosstalk vs. Transmitter LO Frequency,
40 MHz RF Bandwidth, CW Signal 3 MHz Offset from LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com