Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9371BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 36Page - Analog Devices AD9371BBCZ Datasheet HTML 37Page - Analog Devices AD9371BBCZ Datasheet HTML 38Page - Analog Devices AD9371BBCZ Datasheet HTML 39Page - Analog Devices AD9371BBCZ Datasheet HTML 40Page - Analog Devices AD9371BBCZ Datasheet HTML 41Page - Analog Devices AD9371BBCZ Datasheet HTML 42Page - Analog Devices AD9371BBCZ Datasheet HTML 43Page - Analog Devices AD9371BBCZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
AD9371
Data Sheet
Rev. B | Page 40 of 57
–80
–180
–170
–160
–150
–140
–130
–120
–110
–100
–90
020
510
15
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 147. Transmitter Noise vs. RF Attenuation, 3500 MHz LO,
100 MHz Offset Frequency, Zeros Input Data
020
510
15
–40
–80
RF ATTENUATION (dB)
–75
–70
–65
–60
–55
–50
–45
+110°C UPPER
+40°C UPPER
–40°C UPPER
+110°C LOWER
+40°C LOWER
–40°C LOWER
Figure 148. Tx Adjacent Channel Leakage Ratio vs. RF Attenuation,
3500 MHz LO, 100 MHz RF Bandwidth, Four-Carrier W-CDMA Desired Signal,
2 dB Digital Backoff, Transmitter QEC and LO Leakage Tracking Active
–40
–80
020
RF ATTENUATION (dB)
–75
–70
–65
–60
–55
–50
–45
510
15
+110°C UPPER
+40°C UPPER
–40°C UPPER
+110°C LOWER
+40°C LOWER
–40°C LOWER
Figure 149. Tx Alternate Channel Leakage Ratio vs. RF Attenuation,
3500 MHz LO, 100 MHz RF Bandwidth, Four-Carrier W-CDMA Desired Signal,
2 dB Digital Backoff, Transmitter QEC and LO Leakage Tracking Active
–60
–150
100
10M
OFFSET FREQUENCY (Hz)
–140
–130
–120
–110
–100
–90
–80
–70
1k
10k
100k
1M
Figure 150. LO Phase Noise vs. Offset Frequency, 3 dB Digital Backoff,
3500 MHz LO
1.0
0
3300
3800
TRANSMITTER LO FREQUENCY (MHz)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
3400
3500
3600
3700
+110°C
+40°C
–40°C
Figure 151. Tx Integrated Phase Noise vs. Transmitter LO Frequency,
100 MHz RF Bandwidth, CW 20 MHz Offset from LO, 3 dB Digital Backoff
35
0
020
RF ATTENUATION (dB)
5
10
15
20
25
30
2
4
6
8
10
12
14
16
18
+110°C
+40°C
–40°C
Figure 152. Transmitter OIP3 vs. RF Attenuation, 3500 MHz LO,
100 MHz RF Bandwidth, f1 = 20 MHz, f2 = 21 MHz, 3 dB Digital Backoff,
307.2 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com