Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9371BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 43Page - Analog Devices AD9371BBCZ Datasheet HTML 44Page - Analog Devices AD9371BBCZ Datasheet HTML 45Page - Analog Devices AD9371BBCZ Datasheet HTML 46Page - Analog Devices AD9371BBCZ Datasheet HTML 47Page - Analog Devices AD9371BBCZ Datasheet HTML 48Page - Analog Devices AD9371BBCZ Datasheet HTML 49Page - Analog Devices AD9371BBCZ Datasheet HTML 50Page - Analog Devices AD9371BBCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
Data Sheet
AD9371
Rev. B | Page 47 of 57
40
0
10
15
35
INTERMODULATION FREQUENCY (MHz)
10
20
5
15
25
30
35
20
25
30
+110°C
+40°C
–40°C
Figure 188. Receiver IIP3 vs. Intermodulation Frequency, 5600 MHz LO,
0 dB Attenuation, 100 MHz RF Bandwidth, 122.88 MSPS Sample Rate
–40
–100
030
RECEIVER ATTENUATION (dB)
–80
–90
–70
–60
–50
515
25
10
20
+110°C
+40°C
–40°C
Figure 189. Receiver Image vs. Receiver Attenuation, 5600 MHz LO,
Continuous Wave (CW) Signal 10 MHz Offset, 100 MHz RF Bandwidth,
Background Tracking Calibration (BTC) Active, 122.88 MSPS Sample Rate
20
–20
030
RECEIVER ATTENUATION (dB)
–10
–15
–5
5
15
0
10
515
25
10
20
+110°C
+40°C
–40°C
Figure 190. Receiver Gain vs. Receiver Attenuation, 5600 MHz LO,
CW Signal 10 MHz Offset, 100 MHz RF Bandwidth, 122.88 MSPS Sample Rate
–40
–110
030
RECEIVER ATTENUATION (dB)
–90
–100
–80
–60
–70
–50
515
25
10
20
+110°C
+40°C
–40°C
Figure 191. Receiver DC Offset vs. Receiver Attenuation, 5850 MHz LO,
100 MHz RF Bandwidth, 122.88 MSPS Sample Rate
–40
–110
030
RECEIVER ATTENUATION (dB)
–90
–100
–80
–60
–70
–50
515
25
10
20
+110°C
+40°C
–40°C
Figure 192. Receiver HD2 vs. Receiver Attenuation, 5600 MHz LO,
CW Signal 10 MHz Offset, −20 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
100 MHz RF Bandwidth, 122.88 MSPS Sample Rate
–40
–110
030
RECEIVER ATTENUATION (dB)
–90
–100
–80
–60
–70
–50
515
25
10
20
+110°C
+40°C
–40°C
Figure 193. Receiver HD3 vs. Receiver Attenuation, 5600 MHz LO,
CW Signal 10 MHz Offset, −20 dBm at 0 dB Attenuation, Input Power
Increasing Decibel for Decibel with Attenuation,100 MHz RF Bandwidth,
122.88 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com