Electronic Components Datasheet Search
  English  ▼

X  

SIC401DB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIC401DB
Description  15 A microBUCK® SiC401A/B Integrated Buck Regulator with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401DB Datasheet(HTML) 1 Page - Vishay Siliconix

  SIC401DB Datasheet HTML 1Page - Vishay Siliconix SIC401DB Datasheet HTML 2Page - Vishay Siliconix SIC401DB Datasheet HTML 3Page - Vishay Siliconix SIC401DB Datasheet HTML 4Page - Vishay Siliconix SIC401DB Datasheet HTML 5Page - Vishay Siliconix SIC401DB Datasheet HTML 6Page - Vishay Siliconix SIC401DB Datasheet HTML 7Page - Vishay Siliconix SIC401DB Datasheet HTML 8Page - Vishay Siliconix SIC401DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
SiC401A, SiC401BCD
www.vishay.com
Vishay Siliconix
S20-0483-Rev. E, 29-Jun-2020
1
Document Number: 63835
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
15 A microBUCK® SiC401A/B
Integrated Buck Regulator with Programmable LDO
DESCRIPTION
The Vishay Siliconix SiC401A/B an advanced stand-alone
synchronous buck regulator featuring integrated power
MOSFETs, bootstrap switch, and a programmable LDO in a
space-saving PowerPAK® MLP32-55G pin package.
The SiC401A/B is capable of operating with all ceramic
solutions and switching frequencies up to 1 MHz. The
programmable frequency, synchronous operation and
selectable power-save allow operation at high efficiency
across the full range of load current. The internal LDO may
be used to supply 5 V for the gate drive circuits or it may be
bypassed with an external 5 V for optimum efficiency and
used to drive external n-channel MOSFETs or other loads.
Additional features include cycle-by-cycle current limit,
voltage soft-start, under voltage protection, programmable
over current protection, soft shutdown and selectable
power-save. The Vishay Siliconix SiC401A/B also provides
an enable input and a power good output.
Note
a. See “High Output Voltage Operation” section
FEATURES
• High efficiency > 93 %
• 15 A continuous output current capability
• Integrated bootstrap switch
• Programmable 200 mA LDO with bypass logic
• Temperature compensated current limit
• All ceramic solution enabled
• Pseudo fixed-frequency adaptive on-time control
• Programmable input UVLO threshold
• Independent enable pin for switcher and LDO
• Selectable ultra sonic power-save mode (SiC401A)
• Selectable power-save mode (SiC401B)
• Programmable soft-start and soft-shutdown
• 1 % internal reference voltage
• Power good output
• Over voltage and under voltage protections
• PowerCAD Simulation software available at
www.vishay.com/power-ics/powercad-list/
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Notebook, desktop and server computers
• Digital HDTV and digital consumer applications
• Networking and telecommunication equipment
• Printers, DSL, and STB applications
• Embedded applications
• Point of load power supplies
PRIMARY CHARACTERISTICS
Input voltage range
3 V to 17 V
Output voltage range a
0.6 V to VIN x 0.75
Operating frequency
200 kHz to 1 MHz
Continuous output current
15 A
Peak efficiency
93 %
Package
PowerPAK MLP32-55G


Similar Part No. - SIC401DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC401DB VISHAY-SIC401DB Datasheet
1Mb / 28P
15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
03-Sep-12
SiC401DB-HC VISHAY-SiC401DB-HC Datasheet
632Kb / 10P
Selectable frequency from 200 kHz to 1 MHz with an external resistor
17-Nov-14
More results

Similar Description - SIC401DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
15-Aug-11
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
03-Sep-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
03-Sep-12
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
19-Mar-12
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
04-Feb-13
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
27-Aug-12
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
27-Aug-12
SIC402BCD VISHAY-SIC402BCD_V01 Datasheet
1Mb / 26P
10 A microBUCK® SiC402A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
SIC403BCD VISHAY-SIC403BCD_V01 Datasheet
1Mb / 27P
6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com