Electronic Components Datasheet Search
  English  ▼

X  

SIC401DB Datasheet(PDF) 23 Page - Vishay Siliconix

Part # SIC401DB
Description  15 A microBUCK® SiC401A/B Integrated Buck Regulator with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401DB Datasheet(HTML) 23 Page - Vishay Siliconix

Back Button SIC401DB Datasheet HTML 19Page - Vishay Siliconix SIC401DB Datasheet HTML 20Page - Vishay Siliconix SIC401DB Datasheet HTML 21Page - Vishay Siliconix SIC401DB Datasheet HTML 22Page - Vishay Siliconix SIC401DB Datasheet HTML 23Page - Vishay Siliconix SIC401DB Datasheet HTML 24Page - Vishay Siliconix SIC401DB Datasheet HTML 25Page - Vishay Siliconix SIC401DB Datasheet HTML 26Page - Vishay Siliconix SIC401DB Datasheet HTML 27Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
SiC401A, SiC401BCD
www.vishay.com
Vishay Siliconix
S20-0483-Rev. E, 29-Jun-2020
23
Document Number: 63835
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Select CL (typical 10 nF) and RL to match with L and DCR
time constant using the following equation.
Select CC by using the following equation.
The resistor values (R1 and R2) in the voltage divider circuit
set the VOUT for the switcher. The typical value for CC is from
10 pF to 1 nF.
Dropout Performance
The output voltage adjustment range for continuous
conduction operation is limited by the fixed 250 ns (typical)
minimum off-time of the one-shot. When working with low
input voltages, the duty-factor limit must be calculated using
worst-case values for on and off times.
The duty-factor limitation is shown by the next equation.
The inductor resistance and MOSFET on-state voltage
drops must be included when performing worst-case
dropout duty-factor calculations.
System DC Accuracy (VOUT Controller)
Three factors affect VOUT accuracy: the trip point of the
FB error comparator, the ripple voltage variation with line
and load, and the external resistor tolerance. The error
comparator offset is trimmed so that under static conditions
it trips when the feedback pin is 600 mV, 1 %.
The on-time pulse from the SiC401A/B in the design
example is calculated to give a pseudo-fixed frequency of
300 kHz. Some frequency variation with line and load is
expected. This variation changes the output ripple voltage.
Because adaptive on-time converters regulate to the valley
of the output ripple, ½ of the output ripple appears as a DC
regulation error. For example, if the output ripple is 50 mV
with VIN = 6 V, then the measured DC output will be 25 mV
above the comparator trip point.
If the ripple increases to 80 mV with VIN = 17 V, then the
measured DC output will be 40 mV above the comparator
trip. The best way to minimize this effect is to minimize the
output ripple.
The use of 1 % feedback resistors may result in up to 1 %
error. If tighter DC accuracy is required, 0.1 % resistors
should be used.
The output inductor value may change with current. This will
change the output ripple and therefore will have a minor
effect on the DC output voltage. The output ESR also affects
the output ripple and thus has a minor effect on the DC
output voltage.
Switching Frequency Variation
The switching frequency varies with load current as a result
of the power losses in the MOSFETs and DCR of the
inductor. For a conventional PWM constant-frequency
converter, as load increases the duty cycle also increases
slightly to compensate for IR and switching losses in the
MOSFETs and inductor. An adaptive on-time converter
must also compensate for the same losses by increasing the
effective duty cycle (more time is spent drawing energy from
VIN as losses increase). The on-time is essentially constant
for a given VOUT/VIN combination, to offset the losses the
off-time will tend to reduce slightly as load increases. The
net effect is that switching frequency increases slightly with
increasing load.
HIGH OUTPUT VOLTAGE OPERATION
For the SiC40X family the recommended maximum output
voltage of no more than 75 % of VIN.
For applications where an output voltage greater than 5 V is
required a resistive network should be used to step down the
output voltage in order to provide the VOUT_PIN with 4.5 V.
For example, if an output voltage of VOUT = 8.5 V is required,
setting R2 = 10 k and VOUT_PIN = 4.5 V results in R1 = 8870 
The switching frequency will also need recalculating using a
VOUT_PIN magnitude of 4.5 V.
Fig. 18 - Resistor Divider Network allows 4.5 V at the VOUT Pin
RL =
L
DCR x CL
CC ≈
1
R1//R2
3
2 x
π x fSW
x
DUTY =
tON(min.)
tON(min.) x tOFF(max.)
R
1 =
R
2 (VOUT - VOUT_PIN)
V
OUT_PIN
f
sw =
V
OUT_PIN
t
ON x VIN
SiC40X
Cout
Vout
VOUT_PIN
LX
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com