Electronic Components Datasheet Search
  English  ▼

X  

SIC401DB Datasheet(PDF) 28 Page - Vishay Siliconix

Part # SIC401DB
Description  15 A microBUCK® SiC401A/B Integrated Buck Regulator with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401DB Datasheet(HTML) 28 Page - Vishay Siliconix

Back Button SIC401DB Datasheet HTML 22Page - Vishay Siliconix SIC401DB Datasheet HTML 23Page - Vishay Siliconix SIC401DB Datasheet HTML 24Page - Vishay Siliconix SIC401DB Datasheet HTML 25Page - Vishay Siliconix SIC401DB Datasheet HTML 26Page - Vishay Siliconix SIC401DB Datasheet HTML 27Page - Vishay Siliconix SIC401DB Datasheet HTML 28Page - Vishay Siliconix SIC401DB Datasheet HTML 29Page - Vishay Siliconix SIC401DB Datasheet HTML 30Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
SiC401A, SiC401BCD
www.vishay.com
Vishay Siliconix
S20-0483-Rev. E, 29-Jun-2020
28
Document Number: 63835
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package / tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?63835.
PRODUCT SUMMARY
Part number
SiC401A
SiC401B
Description
15 A, 3 V to 17 V input, scalable synchronous
buck regulator, ultrasonic mode
15 A, 3 V to 17 V input, scalable synchronous
buck regulator, powersave mode
Input voltage min. (V)
3
3
Input voltage max. (V)
17
17
Output voltage min. (V)
0.6
0.6
Output voltage max. (V)
5.5
5.5
Continuous current (A)
15
15
Switch frequency min. (kHz)
200
200
Switch frequency max. (kHz)
1000
1000
Pre-bias operation (yes / no)
Yes
Yes
Internal bias reg. (yes / no)
Yes
Yes
Compensation
Not required
Not required
Enable (yes / no)
Yes
Yes
PGOOD (yes / no)
Yes
Yes
Overcurrent protection
Programmable
Programmable
Protection
OVP, OCP, UVP/SCP, OTP, UVLO
OVP, OCP, UVP/SCP, OTP, UVLO
Light load mode
Ultrasonic
Powersave
Peak efficiency (%)
95
95
Package type
PowerPAK MLP32-55G
PowerPAK MLP32-55G
Package size (W, L, H) (mm)
5.0 x 5.0 x 0.85
5.0 x 5.0 x 0.85
Status code
2
2
Product type
microBUCK (step down regulator)
microBUCK (step down regulator)
Applications
Computing, consumer, networking, industrial,
healthcare
Computing, consumer, networking, industrial,
healthcare



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com