Electronic Components Datasheet Search
  English  ▼

X  

SIC401DB Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SIC401DB
Description  15 A microBUCK® SiC401A/B Integrated Buck Regulator with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401DB Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SIC401DB Datasheet HTML 6Page - Vishay Siliconix SIC401DB Datasheet HTML 7Page - Vishay Siliconix SIC401DB Datasheet HTML 8Page - Vishay Siliconix SIC401DB Datasheet HTML 9Page - Vishay Siliconix SIC401DB Datasheet HTML 10Page - Vishay Siliconix SIC401DB Datasheet HTML 11Page - Vishay Siliconix SIC401DB Datasheet HTML 12Page - Vishay Siliconix SIC401DB Datasheet HTML 13Page - Vishay Siliconix SIC401DB Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
SiC401A, SiC401BCD
www.vishay.com
Vishay Siliconix
S20-0483-Rev. E, 29-Jun-2020
10
Document Number: 63835
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
Efficiency/Power Loss vs. Load - P-Save
(VDD = 3.3 V, VOUT = 1.5 V, SiC401A)
Efficiency/Power Loss - P-Save vs. FCM
(VDD = 5 V, VOUT = 1.5 V, VIN = 12 V, SiC401A)
Efficiency/Power Loss vs. Load - P-Save
(VDD = 5 V, VOUT = 1.5 V, SiC401A)
Efficiency/Power Loss - P-Save vs. FCM
(VDD = 3.3 V, VOUT = 1.5 V, VIN = 12 V, SiC401A)
Efficiency/Power Loss - P-Save
(VOUT = 1.5 V, VIN = 12 V, SiC401A)
Load Regulation - P-Save
(VDD = 5 V, VOUT = 1.5 V, SiC401A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IOUT(A)
VIN=5V VIN=12V
VIN=17V
VIN=17V
VIN=12V
VIN=5V
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
Iout(A)
PSAVE
FCM
FCMminusPSM
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
50
55
60
65
70
75
80
85
90
95
100
0123456789
10
11
12
13
14
15
IOUT(A)
VIN-5V
VIN=12V
VIN=17V
VIN=5V
VIN=12V
VIN=17V
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IOUT(A)
PSAVE
FCM
FCMminusPSM
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IOUT(A)
3.3VBias
3.3Vminus 5V
5V Bias
1.445
1.455
1.465
1.475
1.485
1.495
1.505
1.515
1.525
0123456789
10 11 12 13 14 15
IOUT(A)
VIN=12V
VIN=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com