Electronic Components Datasheet Search
  English  ▼

X  

SIC401DB Datasheet(PDF) 18 Page - Vishay Siliconix

Part # SIC401DB
Description  15 A microBUCK® SiC401A/B Integrated Buck Regulator with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401DB Datasheet(HTML) 18 Page - Vishay Siliconix

Back Button SIC401DB Datasheet HTML 14Page - Vishay Siliconix SIC401DB Datasheet HTML 15Page - Vishay Siliconix SIC401DB Datasheet HTML 16Page - Vishay Siliconix SIC401DB Datasheet HTML 17Page - Vishay Siliconix SIC401DB Datasheet HTML 18Page - Vishay Siliconix SIC401DB Datasheet HTML 19Page - Vishay Siliconix SIC401DB Datasheet HTML 20Page - Vishay Siliconix SIC401DB Datasheet HTML 21Page - Vishay Siliconix SIC401DB Datasheet HTML 22Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
SiC401A, SiC401BCD
www.vishay.com
Vishay Siliconix
S20-0483-Rev. E, 29-Jun-2020
18
Document Number: 63835
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Soft-Start Timing Diagram
Pre-Bias Start-Up
The SiC401A/B can start up normally even when there is an
existing output voltage present. The soft start time is still the
same as normal start up (when the output voltage starts
from zero). The output voltage starts to ramp up when 40 %
of the voltage at SS pin meets the existing FB voltage level.
Pre-bias startup is achieved by turning off the lower gate
when the inductor current falls below zero. This method
prevents the output voltage from discharging.
Power Good Output
The PGOOD (power good) output is an open-drain output
which requires a pull-up resistor. When the voltage at the FB
pin is 10 % below the nominal voltage, PGOOD is pulled low.
It is held low until the output voltage returns above -8 % of
nominal.
PGOOD will transition low if the VFB pin exceeds +20 % of
nominal, which is also the over voltage shutdown threshold.
PGOOD also pulls low if the EN/PSV pin is low when VDD is
present.
Output Over Voltage Protection
Over voltage protection becomes active as soon as the
device is enabled. The threshold is set at 600 mV +20 %
(720 mV). When VFB exceeds the OVP threshold, DL latches
high and the low side MOSFET is turned on. DL remains high
and the controller remains off, until the EN/PSV input is
toggled or VDD is cycled. There is a 5 μs delay built into the
OVP detector to prevent false transitions. PGOOD is also low
after an OVP event.
Output Under Voltage Protection
When VFB falls 25 % below its nominal voltage (falls to
450 mV) for eight consecutive clock cycles, the switcher is
shut off and the DH and DL drives are pulled low to tristate
the MOSFETs. The controller stays off until EN/PSV is
toggled or VDD is cycled.
VDD UVLO, and POR
UVLO (Under Voltage Lock-Out) circuitry inhibits switching
and tri-states the DH/DL drivers until VDD rises above 3 V. An
internal POR (Power-On Reset) occurs when VDD exceeds
3 V, which resets the fault latch and a soft-start counter
cycle begins which prepares for soft-start. The SiC401A/B
then begins a soft-start cycle. The PWM will shut off if VDD
falls below 2.4 V.
LDO Regulator
SiC401A/B has an option to bias the switcher by using an
internal LDO from VIN. The LDO output is connected to VDD
internally. The output of the LDO is programmable by using
external resistors from the VDD pin to AGND (see Fig. 10). The
feedback pin (FBL) for the LDO is regulated to 750 mV.
Fig. 10 - LDO Output Voltage Selection
The LDO output voltage is set by the following equation.
A minimum capacitance of 1 μF referenced to AGND is
normally required at the output of the LDO for stability.
Note that if the LDO voltage is set lower than 4.5 V, the
minimum output capacitance for the LDO is 10 μF.
LDO ENL Functions
The ENL input is used to enable/disable the internal LDO.
When ENL is a logic low, the LDO is off. When ENL is above
the VIN UVLO threshold, the LDO is enabled and the
switcher is also enabled if the EN/PSV and VDD are above
their threshold. The table below summarizes the function of
ENL and EN/PSV pins.
The ENL pin also acts as the switcher under voltage lockout
for the VIN supply. When SiC401A/B is self-biased from the
LDO and runs from the VIN power source only, the VIN UVLO
feature can be used to prevent false UV faults for the PWM
output by programming with a resistor divider at the VIN,
ENL and AGND pins. When SiC401A/B has an external bias
voltage at VDD and the ENL pin is used to program the VIN
EN/PSV
ENL
LDO
SWITCHER
Disabled
Low, < 0.4 V
Off
Off
Enabled
Low, < 0.4 V
Off
On
Disabled
1 V < High < 2.6 V
On
Off
Enabled
1 V < High < 2.6 V
On
Off
Disabled
High, > 2.6 V
On
Off
Enabled
High, > 2.6 V
On
On
V
LDO = 750 mV x
1 +
R
LDO1
R
LDO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com