Electronic Components Datasheet Search
  English  ▼

X  

SP4425Q Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP4425Q
Description  Electroluminescent Lamp Driver for Low Noise Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4425Q Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP4425Q Datasheet HTML 3Page - Sipex Corporation SP4425Q Datasheet HTML 4Page - Sipex Corporation SP4425Q Datasheet HTML 5Page - Sipex Corporation SP4425Q Datasheet HTML 6Page - Sipex Corporation SP4425Q Datasheet HTML 7Page - Sipex Corporation SP4425Q Datasheet HTML 8Page - Sipex Corporation SP4425Q Datasheet HTML 9Page - Sipex Corporation SP4425Q Datasheet HTML 10Page - Sipex Corporation SP4425Q Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SP4425QDS/12
SP4425Q Electroluminescent Lamp Driver
© Copyright 1998 Sipex Corporation
7
Figure 5. Typical SP4425Q Application Circuit
HON=VDD=ON
HON=0V=OFF
0.1
µF Low ESR
Decoupling
Capacitor
EL Lamp
5Ftl
1.5 sq.in.
4nF
NOTE:
Keep high voltage traces
short and away from VDD
and clock lines
HON
VDD
EL1
EL2
COSC
VSS
Coil
D1
COSC=180pF
CINT=820pF
SP4425Q
VIN=3.0V
NOTE:
Keep coil as close to
SP4425Q as possible
IN4148
Handset Application
+
–
QR1 = 5k
Ω
QR2 = 5k
Ω
Figure 6. SP4425Q 3V Test Circuit
HON=VDD=ON
HON=0V=OFF
0.1
µF Low ESR
Decoupling
Capacitor
NOTE:
Keep high voltage traces
short and away from VDD
and clock lines
HON
VDD
EL1
EL2
COSC
VSS
Coil
D1
COSC=180pF
CINT=820pF
SP4425Q
VIN=3V
NOTE:
Keep coil as close to
SP4425 as possible
IN4148
+
–
3.9nF
QR1 = 15k
Ω
QR2 = 15k
Ω
Test Load
700k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com