Electronic Components Datasheet Search
  English  ▼

X  

SP4425Q Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP4425Q
Description  Electroluminescent Lamp Driver for Low Noise Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4425Q Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP4425Q Datasheet HTML 4Page - Sipex Corporation SP4425Q Datasheet HTML 5Page - Sipex Corporation SP4425Q Datasheet HTML 6Page - Sipex Corporation SP4425Q Datasheet HTML 7Page - Sipex Corporation SP4425Q Datasheet HTML 8Page - Sipex Corporation SP4425Q Datasheet HTML 9Page - Sipex Corporation SP4425Q Datasheet HTML 10Page - Sipex Corporation SP4425Q Datasheet HTML 11Page - Sipex Corporation SP4425Q Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SP4425QDS/12
SP4425Q Electroluminescent Lamp Driver
© Copyright 1998 Sipex Corporation
11
P
W
1
0.013
±0.005
SP4425QCU
0.0256
BSC
0.118
±0.002
0.020
2
0.020
0.116
±0.004
0.034
±0.002
0.040
±0.002
0.004
±0.002
0.118
±0.002
0.118
±0.004
0.037
Ref
0.0215
±0.006
3.0˚
±3˚
R .003
12.0˚
±4˚
0.006
±0.006
0.006
±0.006
0.008
0˚ - 6˚
0.012
±0.003
0.01
12.0˚
±4˚
0.016
±0.003
0.0965
±0.003
0.116
±0.004
Pkg.
Minimum qty per reel
Standard qty per reel
Maximum qty per reel
CU
500
2500
3000
50 SP4425QCU per tube
All package dimensions in inches
8-pin
µSOIC
µSOIC-8 13" reels: P=8mm, W=12mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com