Electronic Components Datasheet Search
  English  ▼

X  

SP4425Q Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP4425Q
Description  Electroluminescent Lamp Driver for Low Noise Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4425Q Datasheet(HTML) 3 Page - Sipex Corporation

  SP4425Q Datasheet HTML 1Page - Sipex Corporation SP4425Q Datasheet HTML 2Page - Sipex Corporation SP4425Q Datasheet HTML 3Page - Sipex Corporation SP4425Q Datasheet HTML 4Page - Sipex Corporation SP4425Q Datasheet HTML 5Page - Sipex Corporation SP4425Q Datasheet HTML 6Page - Sipex Corporation SP4425Q Datasheet HTML 7Page - Sipex Corporation SP4425Q Datasheet HTML 8Page - Sipex Corporation SP4425Q Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SP4425QDS/12
SP4425Q Electroluminescent Lamp Driver
© Copyright 1998 Sipex Corporation
3
THEORY OF OPERATION
The SP4425Q is made up of three basic circuit
elements, an oscillator, coil, and switched H-bridge
network. The oscillator provides the device with
an on-chip clock source used to control the charge
and discharge phases for the coil and lamp. An
external capacitor connected between pins 1 and
Vss allows the user to vary the oscillator frequency.
For a given choice of coil inductance there will be
an optimum C
OSC capacitor value that provides
maximum light output.
The suggested oscillator frequency is 28.8kHz
(C
OSC=180pF). The oscillator output is internally
divided to create the control signal for f
LAMP. The
oscillator output is internally divided down by 6
flip flops. A 28.8kHz signal will be divided into 6
frequency levels: 14.4kHz, 7.2kHz, 3.6kHz,
1.8kHz, 900kHz, and 450Hz. The oscillator output
(28.8kHz) is used to drive the coil (see figure 2 on
page 6) and the sixth flip flop output (300Hz) is
used to drive the lamp. Although the oscillator
frequency can be varied to optimize the lamp
output, the ratio of f
COIL/fLAMP will always equal 64.
The coil is an external component connected from
V
BATTERY to pin 3 of the SP4425Q. VBATTERY= 3.0
VDC with a 2mH/44
Ω coil are typical conditions.
Energy is stored in the coil according to the equation
PIN DESCRIPTION
Pin 1 – C
OSC- Capacitor input 1, connect Capacitor
from V
SS to Pin 1 to set COSC frequency.
Pin 2 – V
SS- Power supply common, connect to
ground.
Pin 3 – Coil- Coil input, connect coil from V
DD
to pin 3.
Pin 4 – D1- Diode Cathode connection.
– C
INT- Integrator capacitor, connect capacitor
from pin 4 to ground to minimize coil glitch energy.
Pin 5 – Lamp- Lamp driver output2, connect to
EL lamp.
Pin 6 – Lamp- Lamp driver output1, connect to
EL lamp.
Pin 7 – V
DD- Power supply for driver, connect to
system V
DD.
Pin 8 – HON- Enable for driver operation,
high = active; low = inactive.
1
2
3
4
8
7
6
5
SP4425Q Schematic
Q
Q
HON
SCR1
SCR2
OSC
FF1
FF6
EL Lamp
1M
Ω
VDD
Coil
5
6
EL2
EL1
1
Cap1
2
VSS
VBATTERY
VDD
7
3
2mH/44
Ω
8
180pF
IN4148
4
D1
.1
µF
COSC
Low ESR
decoupling
capacitor
CINT = 820pF typical
QR2
QR1
fCOIL
fLAMP
fLAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com