Electronic Components Datasheet Search
  English  ▼

X  

SP4425Q Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP4425Q
Description  Electroluminescent Lamp Driver for Low Noise Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4425Q Datasheet(HTML) 5 Page - Sipex Corporation

  SP4425Q Datasheet HTML 1Page - Sipex Corporation SP4425Q Datasheet HTML 2Page - Sipex Corporation SP4425Q Datasheet HTML 3Page - Sipex Corporation SP4425Q Datasheet HTML 4Page - Sipex Corporation SP4425Q Datasheet HTML 5Page - Sipex Corporation SP4425Q Datasheet HTML 6Page - Sipex Corporation SP4425Q Datasheet HTML 7Page - Sipex Corporation SP4425Q Datasheet HTML 8Page - Sipex Corporation SP4425Q Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SP4425QDS/12
SP4425Q Electroluminescent Lamp Driver
© Copyright 1998 Sipex Corporation
5
Waveshaping
The SP4425Q allows the user to "tune" the output
waveform for specific application requirements.
External resistors, QR1 and QR2 (see SP4425QCU
schematic page 3) can be adjusted to remove any
sharp, high frequency edges present on the EL
output waveform. Typical values range from 5k
Ω
to 20k
Ω. The waveforms on page 9 show the effect
that the Q resistors have on the output. As the
sharp discharge edge is filtered, the available
noise from the vibration of the lamp is reduced.
The user must balance the noise performance
with the light output performance to achieve the
desired results.
Electroluminescent Technology
What is electroluminescence?
An EL lamp is basically a strip of plastic that is
coated with a phosphorous material which emits
light (fluoresces) when a high voltage (>40V)
which was first applied across it, is removed or
reversed. Long periods of DC voltages applied to
the material tend to breakdown the material and
reduce its lifetime. With these considerations in
mind, the ideal signal to drive an EL lamp is a high
voltage sine wave. Traditional approaches to
achieving this type of waveform included discrete
circuits incorporating a transformer, transistors,
and several resistors and capacitors. This approach
is large and bulky, and cannot be implemented in
most hand held equipment. Sipex now offers low
power single chip driver circuits specifically
designed to drive small to medium sized
electroluminescent panels.
Electroluminescent backlighting is ideal when used
with LCD displays, keypads, or other backlit
readouts. Its main use is to illuminate displays in
dim to dark conditions for momentary periods of
time. EL lamps typically consume less power than
LEDs or bulbs making them ideal for battery
powered products. Also, EL lamps are able to
evenly light an area without creating "hot spots" in
the display.
The amount of light emitted is a function of the
voltage applied to the lamp, the frequency at which
it is applied, the lamp material used and its size,
and lastly, the inductor used. Both voltage and
frequency are directly related to light output. In
other words, as the voltage or the frequency of the
EL output is increased, the light output will also
increase. The voltage has a much larger impact on
light output than the frequency does. For example,
an output signal of 168V
PP with a frequency of
500Hz can yield 15Cd/m2. In the same application
a different EL driver could produce 170V
PP with a
frequency of 450Hz and can also yield 15Cd/m2.
Variations in peak-to- peak voltage and variations
in lamp frequency are to be expected, light output
will also vary from device-to-device however
typical light output variations are usually not
visually noticeable.
There are many variables which can be optimized
for specific applications. Sipex supplies
characterization charts to aid the designer in
selecting the optimum circuit configuration
(see page 7 and 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com