Electronic Components Datasheet Search
  English  ▼

X  

SP4425Q Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP4425Q
Description  Electroluminescent Lamp Driver for Low Noise Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4425Q Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP4425Q Datasheet HTML 4Page - Sipex Corporation SP4425Q Datasheet HTML 5Page - Sipex Corporation SP4425Q Datasheet HTML 6Page - Sipex Corporation SP4425Q Datasheet HTML 7Page - Sipex Corporation SP4425Q Datasheet HTML 8Page - Sipex Corporation SP4425Q Datasheet HTML 9Page - Sipex Corporation SP4425Q Datasheet HTML 10Page - Sipex Corporation SP4425Q Datasheet HTML 11Page - Sipex Corporation SP4425Q Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SP4425QDS/12
SP4425Q Electroluminescent Lamp Driver
© Copyright 1998 Sipex Corporation
9
The following scope photos show the affect the tuning resistors (QR1 and QR2) have on the output
waveform. Figure 11 implements only 5K
Ω of series resistance introducing only a slight amount of
filtering of the discharge edge. Figure 12 shows that if the values are increased to 10K
Ω the discharge
edge is reduced even further. A 20K
Ω example is shown in Figure 14 and represents the most amount
of filtering needed. Again, the balance in light output and audible noise must be observed for each
application.
Figure 11.
QR1=QR2=5K
Ω
V
PP=196VPK-PK, FLAMP=269Hz
Low noise suppression level
Figure 12.
QR1=QR2=10K
Ω
V
PP=187VPK-PK, FLAMP=268Hz
Low noise suppression level
Figure 13.
QR1=QR2=15K
Ω
V
PP=177VPK-PK, FLAMP=269Hz
High noise suppression level
Figure 14.
QR1=QR2=20K
Ω
V
PP=168VPK-PK, FLAMP=266Hz
High noise suppression level
V
BATTERY
V
DD
C
OSC=270pF
C
INT=1800pF
QR1=5K-20K
Ω
QR2=5K-20K
Ω
SP4425Q
Coil=Toko 1.2mH/19Ohm
EL Lamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com