Electronic Components Datasheet Search
  English  ▼

X  

SP4425Q Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP4425Q
Description  Electroluminescent Lamp Driver for Low Noise Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4425Q Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP4425Q Datasheet HTML 4Page - Sipex Corporation SP4425Q Datasheet HTML 5Page - Sipex Corporation SP4425Q Datasheet HTML 6Page - Sipex Corporation SP4425Q Datasheet HTML 7Page - Sipex Corporation SP4425Q Datasheet HTML 8Page - Sipex Corporation SP4425Q Datasheet HTML 9Page - Sipex Corporation SP4425Q Datasheet HTML 10Page - Sipex Corporation SP4425Q Datasheet HTML 11Page - Sipex Corporation SP4425Q Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SP4425QDS/12
SP4425Q Electroluminescent Lamp Driver
© Copyright 1998 Sipex Corporation
8
Temperature (OC)
-40
0
25
70
85
3.0V
2.2V
200
800
700
600
500
400
300
0
100
5
20
15
10
-40
0
25
70
85
0
-40
0
25
70
85
10
40
35
30
25
20
15
0
5
25
-40
0
25
70
85
0
3.0V
2.2V
50
200
150
100
0
250
Temperature (OC)
Temperature (OC)
Temperature (OC)
Figure 7. Coil=2mH/44
Ω; C
OSC=180pF;
C
INT=470pF; CLOAD=4nF
Figure 9. Coil=2mH/44
Ω; C
OSC=180pF;
C
INT=470pF; CLOAD=4nF
Figure 8. Coil=2mH/44
Ω; C
OSC=180pF;
C
INT=470pF; VDD=3.0V; Load=3 sq.in.
Lamp Frequency vs. Temperature
Light Output vs. Temperature
Total I
CC @3VDD vs. Temperature
SP4425 Peak-to-Peak Voltage vs. Temperature
The following performance curves are intended to give the designer a relative scale from which to optimize
specific applications. Absolute measurements may vary depending upon the brand of components chosen.
Figure 10. Coil=2mH/44
Ω; C
OSC=180pF;
C
INT=470pF; CLOAD=4nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com