Electronic Components Datasheet Search
  English  ▼

X  

SP4425Q Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP4425Q
Description  Electroluminescent Lamp Driver for Low Noise Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4425Q Datasheet(HTML) 4 Page - Sipex Corporation

  SP4425Q Datasheet HTML 1Page - Sipex Corporation SP4425Q Datasheet HTML 2Page - Sipex Corporation SP4425Q Datasheet HTML 3Page - Sipex Corporation SP4425Q Datasheet HTML 4Page - Sipex Corporation SP4425Q Datasheet HTML 5Page - Sipex Corporation SP4425Q Datasheet HTML 6Page - Sipex Corporation SP4425Q Datasheet HTML 7Page - Sipex Corporation SP4425Q Datasheet HTML 8Page - Sipex Corporation SP4425Q Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SP4425QDS/12
SP4425Q Electroluminescent Lamp Driver
© Copyright 1998 Sipex Corporation
4
E
L=1/2LI
2, where I is the peak current flowing in
the inductor. The current in the inductor is time
dependent and is set by the "ON" time of the coil
switch: I=(V
L/L)tON, where VL is the voltage across
the inductor. At the moment the switch closes, the
current in the inductor is zero and the entire supply
voltage (minus the V
SAT of the switch) is across the
inductor. The current in the inductor will then
ramp up at a linear rate. As the current in the
inductor builds up, the voltage across the inductor
will decrease due to the resistance of the coil and
the "ON" resistance of the switch: V
L=VBATTERY-
IR
L-Vsat. Since the voltage across the inductor is
decreasing, the current ramp rate also decreases
which reduces the current in the coil at the end of
t
ON, the energy stored in the inductor per coil cycle
and therefore, the light output. The other important
issue is that maximum current (saturation current)
in the coil is set by the design and manufacturer of
the coil. If the parameters of the application such
as V
BATTERY, L, RL or tON cause the current in the coil
to increase beyond its rated I
SAT, excessive heat
will be generated and the power efficiency will
decrease with no additional light output.
The majority of the current goes through the coil
and typically less than 2mA is required for V
DD of
the SP4425Q. V
DD can range from 2.2V to 3.3V; it
is not necessary that V
DD=VBATTERY. Coils are also
a function of the core material and winding used.
Performance variances may be noticeable from
different coil suppliers. The Sipex SP4425Q is
final tested at 3.0V using a 2mH/44
Ω coil from
Matsushita. For suggested coil sources see page 10.
The f
COIL signal controls a switch that connects the
end of the coil at pin 3 to ground or to open circuit.
The f
COIL signal is a 90% duty cycle signal switching
at the oscillator frequency. During the time when
the f
COIL signal is high, the coil is connected from
V
BATTERY to ground and a charged magnetic field is
created in the coil. During the low part of f
COIL , the
ground connection is switched open, the field
collapses and the energy in the inductor is forced
to flow toward the lamp. f
COIL will send 32 of these
charge pulses (see figure 2 on page 6) lamp, each
pulse increases the voltage drop across the lamp
in discrete steps. As the voltage potential
approaches its maximum, the steps become smaller
(see figure 1 on page 6).
The H-bridge consists of two SCR structures that
act as high voltage switches. These two switches
control the polarity of how the lamp is charged.
The SCR switches are controlled by the f
LAMP
signal which is the oscillator frequency divided by
64. For a 28.8kHz oscillator, f
LAMP=450Hz.
When the energy from the coil is released, a high
voltage spike is created triggering the SCR
switches. The direction of current flow is
determined by which SCR is enabled. One full
cycle of the H-bridge will create a voltage step
from ground to 80V (typical) on pins 5 and 6 which
are 180 degrees out of phase with each other (see
figure 3 on page 6). A differential view of the
outputs is shown in figure 4 on page 6.
Layout Considerations
The SP4425Q circuit board layout must observe
careful analog precautions. For applications with
noisy power supply voltages, a 0.1
µF low ESR
decoupling capacitor must be connected from V
DD
to ground. Any high voltage traces should be
isolated from any digital clock traces or enable
lines. A solid ground plane connection is strongly
recommended. All traces to the coil or to the high
voltage outputs should be kept as short as possible
to minimize capacitive coupling to digital clock
lines and to reduce EMI emissions.
Integrator Capacitor
An integrating capacitor must be placed from pin
4 (D1) to ground in order to minimize glitches
associated with switching the coil. A capacitor at
this point will collect the high voltage spikes and
will maximize the peak to peak voltage output.
High resistance EL lamps will produce more
pronounced spiking on the EL output waveform;
adding the C
INT capacitor will minimize the peaking
and increase the voltage output at each coil step.
The value of the integrator capacitor is application
specific. Typical values can range from 500pF to
0.1
µF.Nointegratorcapacitororverysmallvalues
(500pF) will have a minor effect on the output,
whereas a 0.1
µF capacitor will cause the output to
charge more rapidly creating a square wave output.
For most 3V applications an 820 pF integrator
capacitor is suitable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com