Electronic Components Datasheet Search
  English  ▼

X  

MIC23153 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC23153
Description  4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23153 Datasheet(HTML) 4 Page - Microchip Technology

  MIC23153 Datasheet HTML 1Page - Microchip Technology MIC23153 Datasheet HTML 2Page - Microchip Technology MIC23153 Datasheet HTML 3Page - Microchip Technology MIC23153 Datasheet HTML 4Page - Microchip Technology MIC23153 Datasheet HTML 5Page - Microchip Technology MIC23153 Datasheet HTML 6Page - Microchip Technology MIC23153 Datasheet HTML 7Page - Microchip Technology MIC23153 Datasheet HTML 8Page - Microchip Technology MIC23153 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MIC23153
DS20006489B-page 4
2021-2022 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VIN)........................................................................................................................................–0.3 to +6V
Sense Voltage (VSNS) ......................................................................................................................................–0.3 to VIN
Output Switch Voltage (VSW) ...........................................................................................................................–0.3 to VIN
Enable Input Voltage (VEN) ..............................................................................................................................–0.3 to VIN
Power Good (PG) Voltage (VPG)......................................................................................................................–0.3 to VIN
ESD Rating (Note 1)................................................................................................................................... ESD Sensitive
Operating Ratings ‡
Supply Voltage (VIN)..................................................................................................................................+2.7V to +5.5V
Enable Input Voltage (VEN) ................................................................................................................................ 0V to VIN
Sense Voltage (VSNS) ................................................................................................................................. 0.62V to 3.6V
Note 1: Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at those or any other con-
ditions above those indicated in the operational sections of this specification is not intended. Exposure to
maximum rating conditions for extended periods may affect device reliability. Specifications are for pack-
aged product only.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: TA = 25°C, VIN = VEN = 3.6V; L = 1 µH; COUT = 4.7µF; unless otherwise specified. Bold
values indicate –40°C ≤ TJ ≤ +125°C. Specification for packaged product only.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Supply Voltage Range
—
2.7
—
5.5
V
—
Undervoltage Lockout
Threshold
VUVLO
2.45
2.55
2.65
V
Turn-On
Undervoltage Lockout
Hysteresis
—
—
75
—
mV
—
Quiescent Current
IQ
—
22
45
µA
IOUT = 0 mA, SNS > 1.2 ×
VOUT(NOM)
Shutdown Current
ISHD
—
0.01
5
µA
VEN = 0V; VIN = 5.5V
Output Voltage Accuracy
VOUT_ACC
–2.5
—
+2.5
%
VIN = 3.6V if VOUT(NOM) < 2.5V,
ILOAD = 20 mA
VIN = 4.5V if VOUT(NOM) ≥ 2.5V
ILOAD = 20 mA
Feedback Regulation Voltage
VREF
0.6045 0.62
0.635
V
ILOAD = 20 mA
Current Limit
ILIM
2.2
3.3
—
A
SNS = 0.9 × VOUT(NOM)
Output Voltage Line
Regulation
—
—
0.3
—
%/V
VIN = 3.6V to 5.5V if
VOUT(NOM) < 2.5V, ILOAD = 20 mA
—
VIN = 4.5V to 5.5V if
VOUT(NOM) ≥ 2.5V, ILOAD = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com