Electronic Components Datasheet Search
  English  ▼

X  

MIC23153 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC23153
Description  4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23153 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC23153 Datasheet HTML 7Page - Microchip Technology MIC23153 Datasheet HTML 8Page - Microchip Technology MIC23153 Datasheet HTML 9Page - Microchip Technology MIC23153 Datasheet HTML 10Page - Microchip Technology MIC23153 Datasheet HTML 11Page - Microchip Technology MIC23153 Datasheet HTML 12Page - Microchip Technology MIC23153 Datasheet HTML 13Page - Microchip Technology MIC23153 Datasheet HTML 14Page - Microchip Technology MIC23153 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
2021-2022 Microchip Technology Inc. and its subsidiaries
DS20006489B-page 11
MIC23153
FIGURE 2-24:
Load Transient (10 mA to
200 mA).
FIGURE 2-25:
Load Transient (10 mA to
500 mA).
FIGURE 2-26:
Load Transient (10 mA to
750 mA).
FIGURE 2-27:
Load Transient (50 mA to
1A).
FIGURE 2-28:
Load Transient (50 mA to
1.5A).
FIGURE 2-29:
Load Transient (200 mA to
600 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com