Electronic Components Datasheet Search
  English  ▼

X  

MIC23153 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC23153
Description  4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23153 Datasheet(HTML) 5 Page - Microchip Technology

  MIC23153 Datasheet HTML 1Page - Microchip Technology MIC23153 Datasheet HTML 2Page - Microchip Technology MIC23153 Datasheet HTML 3Page - Microchip Technology MIC23153 Datasheet HTML 4Page - Microchip Technology MIC23153 Datasheet HTML 5Page - Microchip Technology MIC23153 Datasheet HTML 6Page - Microchip Technology MIC23153 Datasheet HTML 7Page - Microchip Technology MIC23153 Datasheet HTML 8Page - Microchip Technology MIC23153 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
2021-2022 Microchip Technology Inc. and its subsidiaries
DS20006489B-page 5
MIC23153
Output Voltage Load
Regulation
—
—
0.3
—
%
20 mA < ILOAD < 500 mA, VIN =
3.6V if VOUT(NOM) < 2.5V
—
20 mA < ILOAD < 500 mA, VIN =
5.0V if VOUT(NOM) ≥ 2.5V
—
0.7
—
%
20 mA < ILOAD < 1A, VIN = 3.6V if
VOUT(NOM) < 2.5V
—
20 mA < ILOAD < 1A, VIN = 5.0V if
VOUT(NOM) ≥ 2.5V
PWM Switch On-Resistance
RDSON,P
—
0.2
—
Ω
ISW = 100 mA PMOS
RDSON,N
—
0.19
—
ISW = –100 mA NMOS
Switching Frequency
FSW
—
4
—
MHz
IOUT = 120 mA
Soft-Start Time
—
—
320
—
µs
VOUT = 90%, CSS = 470 pF
Soft-Start Current
—
—
2.7
—
µA
VSS = 0V
Power Good Threshold
(Rising)
—
86
92
96
%
—
Power Good Threshold
Hysteresis
—
—
7
—
%
—
Power Good Delay Time
—
—
68
—
µs
Rising
Enable Threshold
VEN
0.5
0.9
1.2
V
Turn-On
Enable Input Current
—
—
0.1
2
µA
—
Overtemperature Shutdown
TSHD
—
160
—
°C
—
Overtemperature Shutdown
Hysteresis
TSHD_HYST
—
20
—
°C
—
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: TA = 25°C, VIN = VEN = 3.6V; L = 1 µH; COUT = 4.7µF; unless otherwise specified. Bold
values indicate –40°C ≤ TJ ≤ +125°C. Specification for packaged product only.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com