Electronic Components Datasheet Search
  English  ▼

X  

MIC23153 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC23153
Description  4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23153 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC23153 Datasheet HTML 10Page - Microchip Technology MIC23153 Datasheet HTML 11Page - Microchip Technology MIC23153 Datasheet HTML 12Page - Microchip Technology MIC23153 Datasheet HTML 13Page - Microchip Technology MIC23153 Datasheet HTML 14Page - Microchip Technology MIC23153 Datasheet HTML 15Page - Microchip Technology MIC23153 Datasheet HTML 16Page - Microchip Technology MIC23153 Datasheet HTML 17Page - Microchip Technology MIC23153 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MIC23153
DS20006489B-page 14
2021-2022 Microchip Technology Inc. and its subsidiaries
4.0
FUNCTIONAL DESCRIPTION
4.1
VIN
The input supply (VIN) provides power to the internal
MOSFETs for the switch mode regulator along with the
internal control circuitry. The VIN operating range is
2.7V to 5.5V so an input capacitor, with a minimum
voltage rating of 6.3V, is recommended. Due to the high
switching speed, a minimum 2.2 µF bypass capacitor
placed close to VIN and the power ground (PGND) pin
is required.
4.2
EN
A logic high signal on the enable pin activates the
output voltage of the device. A logic low signal on the
enable pin deactivates the output and reduces supply
current to 0.01 µA. MIC23153 features external soft
start circuitry via the soft-start (SS) pin that reduces in
rush current and prevents the output voltage from
overshooting at start up. Do not leave the EN pin
floating.
4.3
SW
The switch (SW) connects directly to one end of the
inductor and provides the current path during switching
cycles. The other end of the inductor is connected to
the load, SNS pin and output capacitor. Due to the high
speed switching on this pin, the switch node should be
routed away from sensitive nodes whenever possible.
4.4
SNS
The sense (SNS) pin is connected to the output of the
device to provide feedback to the control circuitry. The
SNS connection should be placed close to the output
capacitor.
4.5
AGND
The analog ground (AGND) is the ground path for the
biasing and control circuitry. The current loop for the
signal ground should be separate from the power
ground (PGND) loop.
4.6
PGND
The power ground pin is the ground path for the high
current in PWM mode. The current loop for the power
ground should be as small as possible and separate
from the analog ground (AGND) loop as applicable.
4.7
Power Good (PG)
The Power Good (PG) pin is an open drain output
which indicates logic high when the output voltage is
typically above 92% of its steady state voltage. A pull
up resistor of more than 5 kΩ should be connected
from PG to VOUT.
4.8
Soft-Start
The soft-start (SS) pin is used to control the output
voltage ramp up time. The approximate equation for
the ramp time in milliseconds is:
EQUATION 4-1:
For example, for a CSS = 470 pF, tRISE ~ 0.3 ms or
300 µs. See Section 2.0, Typical Performance Curves
for a graphical guide. The minimum recommended
value for CSS is 100 pF.
4.9
FB
The feedback (FB) pin is provided for the adjustable
voltage option (no internal connection for fixed
options). This is the control input for programming the
output voltage. A resistor divider network is connected
to this pin from the output and is compared to the
internal 0.62V reference within the regulation loop.
The output voltage can be programmed between 0.65V
and 3.6V using the following equation:
EQUATION 4-2:
Example feedback resistor values:
TABLE 4-1:
FEEDBACK RESISTOR
VALUES
VOUT
R1
R2
1.2V
274 kΩ
294 kΩ
1.5V
316 kΩ
221 kΩ
1.8V
301 kΩ
158 kΩ
2.5V
324 kΩ
107 kΩ
3.3V
309 kΩ
71.5 kΩ
t ms
270 103 In 10
 
CSS
=
Where:
t =
The time in milliseconds
CSS = External soft-start capacitance (in Farads)
VOUT VREF 1 R1
R2
-------
+
=
Where:
R1 =
Top resistor
R2 =
Bottom resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com