Electronic Components Datasheet Search
  English  ▼

X  

MIC23153 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC23153
Description  4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23153 Datasheet(HTML) 1 Page - Microchip Technology

  MIC23153 Datasheet HTML 1Page - Microchip Technology MIC23153 Datasheet HTML 2Page - Microchip Technology MIC23153 Datasheet HTML 3Page - Microchip Technology MIC23153 Datasheet HTML 4Page - Microchip Technology MIC23153 Datasheet HTML 5Page - Microchip Technology MIC23153 Datasheet HTML 6Page - Microchip Technology MIC23153 Datasheet HTML 7Page - Microchip Technology MIC23153 Datasheet HTML 8Page - Microchip Technology MIC23153 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
2021-2022 Microchip Technology Inc. and its subsidiaries
DS20006489B-page 1
MIC23153
Features
• Input Voltage: 2.7V to 5.5V
• Output Voltage: Fixed or Adjustable (0.62V to
3.6V)
• Up to 2A Output Current
• Up to 93% Peak Efficiency
• 85% Typical Efficiency at 1 mA
• Power Good (PG) Output
• Programmable Soft-Start
• 22 µA Typical Quiescent Current
• 4 MHz PWM Operation in Continuous Mode
• Ultra-Fast Transient Response
• Low Ripple Output Voltage:
- 35 mVPP Ripple in HyperLight Load® Mode
- 5 mV Output Voltage Ripple in Full PWM
Mode
• Fully Integrated MOSFET Switches
• 0.01 µA Shutdown Current
• Thermal Shutdown and Current Limit Protection
• 10-Pin 2.5 mm x 2.5 mm Thin DFN Package
• –40°C to +125°C Junction Temperature Range
Applications
• Solid State Drives (SSD)
• Mobile Handsets
• Portable Media/MP3 Players
• Portable Navigation Devices (GPS)
• WiFi/WiMax/WiBro Modules
• Wireless LAN Cards
• Portable Applications
General Description
The MIC23153 is a high-efficiency 4 MHz 2A
synchronous buck regulator with HyperLight Load®
mode, Power Good (PG) output indicator, and
programmable soft-start. HyperLight Load® provides
very high efficiency at light loads and ultra-fast
transient response that makes the MIC23153 perfectly
suited for supplying processor core voltages.
An additional benefit of this proprietary architecture is
very low output ripple voltage throughout the entire
load range with the use of small output capacitors. The
tiny 2.5 mm x 2.5 mm thin DFN package saves
precious board space and requires only four external
components.
The MIC23153 is designed for use with a very small
inductor, down to 0.47 µH, and an output capacitor as
small as 2.2 µF that enables a total solution size, less
than 1 mm in height.
The MIC23153 has a very-low quiescent current of
22 µA and achieves a peak efficiency of 93% in
continuous conduction mode. In discontinuous
conduction mode, the MIC23153 can achieve 85%
efficiency at 1 mA.
The MIC23153 is available in 10-pin 2.5 mm x 2.5 mm
TDFN package with an operating junction temperature
range from –40°C to +125°C.
4 MHz PWM 2A Buck Regulator with
HyperLight Load® and Power Good


Similar Part No. - MIC23153

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23153 MICREL-MIC23153 Datasheet
761Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23153 MICREL-MIC23153 Datasheet
792Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23153-GYMT MICREL-MIC23153-GYMT Datasheet
761Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23153-GYMT MICREL-MIC23153-GYMT Datasheet
792Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23153YMT MICREL-MIC23153YMT Datasheet
761Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
More results

Similar Description - MIC23153

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23153 MICREL-MIC23153 Datasheet
761Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23155 MICREL-MIC23155 Datasheet
732Kb / 19P
3MHz PWM 2A Buck Regulator with HyperLight Load and Power Good
MIC23153 MICREL-MIC23153_11 Datasheet
792Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23163 MICREL-MIC23163 Datasheet
1Mb / 19P
4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
MIC23158 MICREL-MIC23158 Datasheet
972Kb / 20P
3MHz PWM Dual 2A Buck Regulator with HyperLight Load and Power Good
MIC23450 MICREL-MIC23450 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23450 MICREL-MIC23450_13 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23155 MICREL-MIC23155_12 Datasheet
1,000Kb / 19P
3MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
logo
Microchip Technology
MIC23451 MICROCHIP-MIC23451 Datasheet
3Mb / 28P
3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
MIC33153 MICROCHIP-MIC33153 Datasheet
3Mb / 28P
4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
Rev. B. April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com