Electronic Components Datasheet Search
  English  ▼

X  

MIC23153 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC23153
Description  4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23153 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC23153 Datasheet HTML 13Page - Microchip Technology MIC23153 Datasheet HTML 14Page - Microchip Technology MIC23153 Datasheet HTML 15Page - Microchip Technology MIC23153 Datasheet HTML 16Page - Microchip Technology MIC23153 Datasheet HTML 17Page - Microchip Technology MIC23153 Datasheet HTML 18Page - Microchip Technology MIC23153 Datasheet HTML 19Page - Microchip Technology MIC23153 Datasheet HTML 20Page - Microchip Technology MIC23153 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
2021-2022 Microchip Technology Inc. and its subsidiaries
DS20006489B-page 17
MIC23153
Efficiency loss due to DCR is minimal at light loads and
gains significance as the load is increased. Inductor
selection becomes a trade-off between efficiency and
size in this case.
5.7
HyperLight Load® Mode
The MIC23153 uses a minimum on and off time
proprietary control loop. When the output voltage falls
below the regulation threshold, the error comparator
begins a switching cycle that turns the PMOS on and
keeps it on for the duration of the minimum on-time.
When the output voltage is over the regulation
threshold, the error comparator turns the PMOS off for
a minimum off-time. The NMOS acts as an ideal
rectifier that conducts when the PMOS is off. Using a
NMOS switch instead of a diode allows for lower
voltage drop across the switching device when it is on.
The asynchronous switching combination between the
PMOS and the NMOS allows the control loop to work
in discontinuous mode for light load operations. In
discontinuous mode, MIC23153 works in pulse
frequency modulation (PFM) to regulate the output. As
the output current increases, the switching frequency
increases. This improves the efficiency of the
MIC23153 during light load currents. As the load
current increases, the MIC23153 goes into continuous
conduction mode (CCM) at a constant frequency of
4 MHz. The equation to calculate the load when the
MIC23153 goes into continuous conduction mode may
be approximated by the following Equation 5-6:
EQUATION 5-6:
As shown in the above equation, the load at which
MIC23153 transitions from HyperLight Load® mode to
PWM mode is a function of the input voltage (VIN),
output voltage (VOUT), duty cycle (D), inductance (L)
and frequency (f). As shown in Figure 5-3, as the
output current increases, the switching frequency also
increases until the MIC23153 goes from HyperLight
Load® mode to PWM mode at approximately 120 mA.
The MIC23153 will switch at a relatively constant
frequency around 4 MHz once the output current is
over 120 mA.
FIGURE 5-3:
Switching Frequency vs.
Output Current.
ILOAD
VIN VOUT
–
D
2 L
f
--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com