Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 28Page - Texas Instruments PCM1820 Datasheet HTML 29Page - Texas Instruments PCM1820 Datasheet HTML 30Page - Texas Instruments PCM1820 Datasheet HTML 31Page - Texas Instruments PCM1820 Datasheet HTML 32Page - Texas Instruments PCM1820 Datasheet HTML 33Page - Texas Instruments PCM1820 Datasheet HTML 34Page - Texas Instruments PCM1820 Datasheet HTML 35Page - Texas Instruments PCM1820 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
11 Layout
11.1 Layout Guidelines
Each system design and printed circuit board (PCB) layout is unique. The layout must be carefully reviewed in
the context of a specific PCB design. However, the following guidelines can optimize the device performance:
• Connect the thermal pad to ground. Use a via pattern to connect the device thermal pad, which is the area
directly under the device, to the ground planes. This connection helps dissipate heat from the device.
• The decoupling capacitors for the power supplies must be placed close to the device pins.
• Route the analog differential audio signals differentially on the PCB for better noise immunity. Avoid crossing
digital and analog signals to prevent undesirable crosstalk.
• The device internal voltage references must be filtered using external capacitors. Place the filter capacitors
near the VREF pin for optimal performance.
• Directly short the VREF external capacitor ground terminal to the AVSS pin without using any vias for this
connection trace.
• Use ground planes to provide the lowest impedance for power and signal current between the device and the
decoupling capacitors. Treat the area directly under the device as a central ground area for the device, and
all device grounds must be connected directly to that area.
11.2 Layout Example
Figure 11-1. Example Layout
PCM1822
SBASAK0 – DECEMBER 2020 – REVISED MAY 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: PCM1822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com