Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 12Page - Texas Instruments PCM1820 Datasheet HTML 13Page - Texas Instruments PCM1820 Datasheet HTML 14Page - Texas Instruments PCM1820 Datasheet HTML 15Page - Texas Instruments PCM1820 Datasheet HTML 16Page - Texas Instruments PCM1820 Datasheet HTML 17Page - Texas Instruments PCM1820 Datasheet HTML 18Page - Texas Instruments PCM1820 Datasheet HTML 19Page - Texas Instruments PCM1820 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
For proper operation of the audio bus in I2S mode, the number of bit clocks per frame must be greater than or
equal to the number of active output channels (including left and right slots) times the 32-bits word length of the
output channel data. The device FSYNC low pulse must be a number of BCLK cycles wide that is greater than
or equal to the number of active left slots times the 32-bits data word length. Similarly, the FSYNC high pulse
must be a number of BCLK cycles wide that is greater than or equal to the number of active right slots times the
32-bits data word length. The device transmit zero data value on SDOUT for the extra unused bit clock cycles.
8.3.3 Phase-Locked Loop (PLL) and Clock Generation
The device uses an integrated, low-jitter, phase-locked loop (PLL) to generate internal clocks required for the
ADC modulator and digital filter engine, as well as other control blocks.
In slave mode of operation, the device supports the various output data sample rates (of the FSYNC signal
frequency) and the BCLK to FSYNC ratio to configure all clock dividers, including the PLL configuration,
internally without host programming. Table 8-3 and Table 8-4 list the supported FSYNC and BCLK frequencies.
Table 8-3. Supported FSYNC (Multiples or Submultiples of 48 kHz) and BCLK Frequencies
BCLK TO
FSYNC RATIO
BCLK (MHz)
FSYNC
(8 kHz)
FSYNC
(16 kHz)
FSYNC
(24 kHz)
FSYNC
(32 kHz)
FSYNC
(48 kHz)
FSYNC
(96 kHz)
FSYNC
(192 kHz)
16
Reserved
0.256
0.384
0.512
0.768
1.536
3.072
24
Reserved
0.384
0.576
0.768
1.152
2.304
4.608
32
0.256
0.512
0.768
1.024
1.536
3.072
6.144
48
0.384
0.768
1.152
1.536
2.304
4.608
9.216
64
0.512
1.024
1.536
2.048
3.072
6.144
12.288
96
0.768
1.536
2.304
3.072
4.608
9.216
18.432
128
1.024
2.048
3.072
4.096
6.144
12.288
24.576
192
1.536
3.072
4.608
6.144
9.216
18.432
Reserved
256
2.048
4.096
6.144
8.192
12.288
24.576
Reserved
384
3.072
6.144
9.216
12.288
18.432
Reserved
Reserved
512
4.096
8.192
12.288
16.384
24.576
Reserved
Reserved
Table 8-4. Supported FSYNC (Multiples or Submultiples of 44.1 kHz) and BCLK Frequencies
BCLK TO
FSYNC RATIO
BCLK (MHz)
FSYNC
(7.35 kHz)
FSYNC
(14.7 kHz)
FSYNC
(22.05 kHz)
FSYNC
(29.4 kHz)
FSYNC
(44.1 kHz)
FSYNC
(88.2 kHz)
FSYNC
(176.4 kHz)
16
Reserved
Reserved
0.3528
0.4704
0.7056
1.4112
2.8224
24
Reserved
0.3528
0.5292
0.7056
1.0584
2.1168
4.2336
32
Reserved
0.4704
0.7056
0.9408
1.4112
2.8224
5.6448
48
0.3528
0.7056
1.0584
1.4112
2.1168
4.2336
8.4672
64
0.4704
0.9408
1.4112
1.8816
2.8224
5.6448
11.2896
96
0.7056
1.4112
2.1168
2.8224
4.2336
8.4672
16.9344
128
0.9408
1.8816
2.8224
3.7632
5.6448
11.2896
22.5792
192
1.4112
2.8224
4.2336
5.6448
8.4672
16.9344
Reserved
256
1.8816
3.7632
5.6448
7.5264
11.2896
22.5792
Reserved
384
2.8224
5.6448
8.4672
11.2896
16.9344
Reserved
Reserved
512
3.7632
7.5264
11.2896
15.0528
22.5792
Reserved
Reserved
In the master mode of operation, the device uses the MD1 pin (as the system clock, MCLK) as the reference
input clock source with a supported system clock frequency option of either 256 × fS or 512 × fS as configured
using the MD0 pin. Master mode supports fS rates of 44.1 kHz and 48 kHz. Table 8-5 shows the system clock
selection for the master mode using the MD0 pin.
PCM1822
SBASAK0 – DECEMBER 2020 – REVISED MAY 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: PCM1822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com