Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 2Page - Texas Instruments PCM1820 Datasheet HTML 3Page - Texas Instruments PCM1820 Datasheet HTML 4Page - Texas Instruments PCM1820 Datasheet HTML 5Page - Texas Instruments PCM1820 Datasheet HTML 6Page - Texas Instruments PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments PCM1820 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
7.4 Thermal Information
THERMAL METRIC(1)
PCM182x
UNIT
RTE (WQFN)
20 PINS
RθJA
Junction-to-ambient thermal resistance
55.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
33.1
°C/W
RθJB
Junction-to-board thermal resistance
23.4
°C/W
ψJT
Junction-to-top characterization parameter
0.6
°C/W
ψJB
Junction-to-board characterization parameter
23.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
16.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Electrical Characteristics
at TA = 25°C, AVDD = 3.3 V, IOVDD = 3.3 V, fIN = 1-kHz sinusoidal signal, fS = 48 kHz, 32-bit audio data, BCLK = 256 × fS,
TDM slave mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC CONFIGURATION
AC input impedance
Input pins INxP or INxM
2.5
kΩ
ADC PERFORMANCE FOR LINE, MICROPHONE INPUT RECORDING : AVDD 3.3-V OPERATION
Full-scale AC signal
voltage Differential/Single
Ended
AC-coupled input
1
VRMS
SNR
Signal-to-noise ratio, A-
weighted(1) (2)
IN1 differential/single-ended input selected and AC
signal shorted to ground, DRE enabled (DRE_LVL =
–36 dB, DRE_MAXGAIN = 18 dB)
110
117
dB
IN1 differential/single-ended input selected and AC
signal shorted to ground, DRE disabled
105
111
DR
Dynamic range, A-
weighted(2)
IN1 differential/single-ended input selected and –60-dB
full-scale AC signal input, DRE enabled (DRE_LVL = –36
dB, DRE_MAXGAIN = 18 dB)
117
dB
IN1 differential/single-ended input selected and –60-dB
full-scale AC signal input, DRE disabled
111
THD+N
Total harmonic distortion(2)
(3)
IN1 differential/single-ended input selected and –1-dB
full-scale AC signal input, DRE enabled (DRE_LVL =
–36 dB, DRE_MAXGAIN = 18 dB)
–95
–80
dB
IN1 differential/single-ended input selected and –1-dB
full-scale AC signal input, DRE disabled
–95
ADC OTHER PARAMETERS
Output data sample rate
7.35
192
kHz
Output data sample word
length
32
Bits
Interchannel isolation
–1-dB full-scale AC-signal input to non measurement
channel
–124
dB
Interchannel gain mismatch –6-dB full-scale AC-signal input
0.1
dB
Gain drift(4)
Across temperature range -40°C to 125°C
50
ppm/°C
Interchannel phase
mismatch
1-kHz sinusoidal signal
0.02
Degrees
Phase drift(5)
1-kHz sinusoidal signal, across temperature range -40°C
to 125°C
0.0005
Degrees/°C
PSRR
Power-supply rejection
ratio
100-mVPP, 1-kHz sinusoidal signal on AVDD, differential
input selected, 0-dB channel gain
102
dB
CMRR
Common-mode rejection
ratio
Differential microphone input selected, 100-mVPP, 1-kHz
signal on both pins and measure level at output
45
dB
DIGITAL I/O
PCM1822
SBASAK0 – DECEMBER 2020 – REVISED MAY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: PCM1822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com