Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1820 Datasheet HTML 1Page - Texas Instruments PCM1820 Datasheet HTML 2Page - Texas Instruments PCM1820 Datasheet HTML 3Page - Texas Instruments PCM1820 Datasheet HTML 4Page - Texas Instruments PCM1820 Datasheet HTML 5Page - Texas Instruments PCM1820 Datasheet HTML 6Page - Texas Instruments PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
5 Device Comparison Table
FEATURE
PCM1820
PCM1821
PCM1822
TLV320ADC3120
TLV320ADC5120
TLV320ADC6120
Control interface
Pin control
I2C
Digital audio serial interface
TDM or I2S
TDM or I2S or left-justified (LJ)
Audio analog channel
2
Digital microphone channel
Not available
4
Programmable MICBIAS
voltage
N/A
Yes
Dynamic range (DRE
disabled)
113 dB
106 dB
111dB
106 dB
108 dB
113 dB
Dynamic range (DRE enabled)
123 dB
Not available
117dB
Not available
120 dB
123 dB
ADC SNR with DRE
123 dB
N/A
117dB
N/A
120 dB
123 dB
Input Voltage
2Vrms
1Vrms
2Vrms
Input Type
Differential
Differential/Single-Ended
Input impedance
2.5 kΩ
10 kΩ
2.5 kΩ
2.5 kΩ, 10 kΩ, 20 kΩ
Compatibility
Pin-to-pin, package, drop-in replacements of each other
Pin-to-pin, package, and control registers compatible; drop-in
replacements of each other
Package
WQFN (RTE), 20-pin, 3.00 mm × 3.00 mm (0.5-mm pitch)
www.ti.com
PCM1822
SBASAK0 – DECEMBER 2020 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: PCM1822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com