Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 23Page - Texas Instruments PCM1820 Datasheet HTML 24Page - Texas Instruments PCM1820 Datasheet HTML 25Page - Texas Instruments PCM1820 Datasheet HTML 26Page - Texas Instruments PCM1820 Datasheet HTML 27Page - Texas Instruments PCM1820 Datasheet HTML 28Page - Texas Instruments PCM1820 Datasheet HTML 29Page - Texas Instruments PCM1820 Datasheet HTML 30Page - Texas Instruments PCM1820 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
8.3.7 Dynamic Range Enhancer (DRE)
The device integrates an ultra-low noise front-end DRE gain amplifier with 117-dB dynamic range performance
with a low-noise, low-distortion, multibit delta-sigma (ΔΣ) ADC with a 111-dB dynamic range. The dynamic range
enhancer (DRE) is a digitally assisted algorithm to boost the overall channel performance. The DRE monitors
the incoming signal amplitude and accordingly adjusts the internal DRE amplifier gain automatically. The DRE
achieves a complete-channel dynamic range as high as 117 dB. At a system level, the DRE scheme enables
far-field, high-fidelity recording of audio signals in very quiet environments and low-distortion recording in loud
environments.
The DRE can be enabled only in slave mode by driving the MD1 pin high. Table 8-20 shows the DRE selection
for the record channel.
Table 8-20. DRE Selection for the Record Channel
MD1
DRE SELECTION (Supported Only in Slave Mode)
Low
The DRE is disabled in slave mode. For master mode, the DRE is always disabled.
High
The DRE is enabled with DRE_LVL = –36 dB and DRE_MAXGAIN = 18 dB in slave mode.
For master mode, the DRE is always disabled.
This algorithm is implemented with very low latency and all signal chain blocks are designed to minimize
any audible artifacts that may occur resulting from dynamic gain modulation. The target signal threshold level
(DRE_LVL), at which the DRE is triggered, is fixed to the –36-dB input signal level. The DRE gain range can be
dynamically modulated by using DRE_MAXGAIN, which is fixed to 18 dB to maximize the benefit of the DRE in
real-world applications and to minimize any audible artifacts.
Enabling the DRE for processing increases the power consumption of the device because of increased
signal processing. Therefore, disable the DRE for low-power critical applications. Furthermore, the DRE is not
supported for output sample rates greater than 48 kHz.
8.4 Device Functional Modes
8.4.1 Active Mode
The device wakes up in active mode when AVDD and IOVDD are available. Configure all hardware control pins
(MSZ, MD0, MD1, and FMT0 ) for the device desired mode of operation before enabling clocks for the device.
In active mode, when the audio clocks are available, the device automatically powers up all ADC channels and
starts transmitting data over the audio serial interface. If the clocks are stopped, then the device auto powers
down the ADC channels.
www.ti.com
PCM1822
SBASAK0 – DECEMBER 2020 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: PCM1822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com