Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 13Page - Texas Instruments PCM1820 Datasheet HTML 14Page - Texas Instruments PCM1820 Datasheet HTML 15Page - Texas Instruments PCM1820 Datasheet HTML 16Page - Texas Instruments PCM1820 Datasheet HTML 17Page - Texas Instruments PCM1820 Datasheet HTML 18Page - Texas Instruments PCM1820 Datasheet HTML 19Page - Texas Instruments PCM1820 Datasheet HTML 20Page - Texas Instruments PCM1820 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Table 8-5. System Clock Selection for the Master Mode
MD0
SYSTEM CLOCK SELECTION (Valid for Master Mode Only)
LOW
System clock with frequency 256 × fS connected to the MD1 pin as MCLK
HIGH
System clock with frequency 512 × fS connected to the MD1 pin as MCLK
See Table 8-7 and Table 8-20 for the MD0 and MD1 pin function in the slave mode of operation.
8.3.4 Input Channel Configurations
The device consists of two pairs of analog input pins (INxP and INxM) as differential inputs for the recording
channel. The device supports simultaneous recording of up to two channels using the high-performance stereo
ADC. The input source for the analog pins can be from electret condenser analog microphones, micro electrical-
mechanical system (MEMS) analog microphones, or line-in (auxiliary) inputs from the system board.
The voice or audio signal inputs must be capacitively coupled (AC-coupled) to the device and, for best distortion
performance, use the low-voltage coefficient capacitors for AC coupling. The typical input impedance for the
PCM1822 is 2.5 kΩ for the INxP or INxM pins. The value of the coupling capacitor in AC-coupled mode
must be chosen so that the high-pass filter formed by the coupling capacitor and the input impedance do not
affect the signal content. Before proper recording can begin, this coupling capacitor must be charged up to the
common-mode voltage at power-up. To enable quick charging, the device has a quick charge scheme to speed
up the charging of the coupling capacitor at power-up. The default value of the quick-charge timing is set for a
coupling capacitor up to 1 µF.
8.3.5 Reference Voltage
All audio data converters require a DC reference voltage. The PCM1822 achieves low-noise performance by
internally generating a low-noise reference voltage. This reference voltage is generated using a band-gap
circuit with high PSRR performance. This audio converter reference voltage must be filtered externally using a
minimum 1-µF capacitor connected from the VREF pin to analog ground (AVSS). The value of this reference
voltage, VREF, is set to 2.75 V, which in turn supports a 2-VRMS differential full-scale input to the device. The
required minimum AVDD voltage for this VREF voltage is 3 V. Do not connect any external load to a VREF pin.
8.3.6 Signal-Chain Processing
The PCM1822 signal chain is comprised of very-low-noise, high-performance, and low-power analog blocks and
highly flexible and programmable digital processing blocks. The high performance and flexibility combined with a
compact package makes the PCM1822 optimized for a variety of end-equipments and applications that require
multichannel audio capture. Figure 8-7 shows a conceptual block diagram for the PCM1822 that highlights the
various building blocks used in the signal chain, and how the blocks interact in the signal chain. The PCM1822
does not support DRE.
DRE
Amplifier
ADC
Configurable
Decimation
Filters
HPF
DRE
INP
INM
Output
Channel
Data to
Audio Bus
Figure 8-7. Signal-Chain Processing Flowchart
The front-end dynamic range enhancer (DRE) gain amplifier in the PCM1822 is very low noise, with a 117-dB
dynamic range performance. Along with a low-noise and low-distortion, multibit, delta-sigma ADC, the front-end
DRE gain amplifier enables the PCM1822 to record a far-field audio signal with very high fidelity, both in quiet
and loud environments. Moreover, the ADC architecture has inherent antialias filtering with a high rejection of
out-of-band frequency noise around multiple modulator frequency components. Therefore, the device prevents
noise from aliasing into the audio band during ADC sampling. Further on in the signal chain, an integrated,
high-performance multistage digital decimation filter sharply cuts off any out-of-band frequency noise with high
stop-band attenuation.
The device supports an input signal bandwidth up to 80 kHz, which allows the high-frequency non-audio signal
to be recorded by using a 176.4-kHz (or higher) sample rate.
www.ti.com
PCM1822
SBASAK0 – DECEMBER 2020 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: PCM1822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com