Electronic Components Datasheet Search
  English  ▼

X  

A7B Datasheet(PDF) 8 Page - AnaSem Hong Kong Limited.

Part # A7B
Description  Single-cell Li-ion / Li-polymer Battery Protection IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

A7B Datasheet(HTML) 8 Page - AnaSem Hong Kong Limited.

Back Button A7B Datasheet HTML 4Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 5Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 6Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 7Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 8Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 9Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 10Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 11Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 12Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
AnaSem Inc.
7
Rev. E09-06
A7B Series
Single-cell Li-ion / Li-polymer Battery Protection IC
.......... Future of the analog world
DO : Pch ON resistance, DO : Nch ON resistance --- [Circuit 5]
Set V1=3.5V, V2=0V and V4=3.0V. (V1-V4)/|IDO| is Pch ON resistance Rdop.
Set V1=V2=1.8V and V4=0.5V. V4/|IDO| is Nch ON resistance Rdon.
Discharge over-current release resistance --- [Circuit 5]
Set V1=3.5V, V2=0V at first. And then, set V2=1.0V. V2/|IVM| is discharge over-current release resistance Rdwn.
Over-charge detection delay time, Release delay time 2 --- [Circuit 6]
Set V2=0V. Increase V1 from the voltage Vc-0.2V to Vc+0.2V rapidly within 10μs. Over-charge detection
delay time tc is the time needed for VCO to go "Low" just after the change of V1.
Next, set V2=1V and decrease V1 from Vc+0.2V to Vc-0.2V rapidly within 10μs. Over-charge release delay
time trel 2 is the time needed for VCO to go "High" just after the change of V1.
Over-discharge detection delay time, Release delay time 1 --- [Circuit 6]
Set V2=0V.
Decrease V1 from the voltage Vdc+0.2V to Vdc-0.2V rapidly within 10μs.
Over-discharge
detection delay time tdc is the time needed for VDO to go "Low" just after the change of V1.
Next, set V2=-1V and increase V1 from Vdc-0.2V to Vdc+0.2V rapidly within 10μs. Release delay time 1 trel1 in
case of over-discharge is the time needed for VDO to go "High" just after the change of V1.
Charge over-current detection delay time, Release delay time 1 --- [Circuit 6]
Set V1=3.5V and V2=0V. Decrease V2 from 0V to -1V rapidly within 10μs. Charge over-current delay time tic
is the time needed for VCO to go "Low" just after the change of V2.
Next, increase V2 from -1V to 0V rapidly within 10μs. Release delay time 1 trel1 in case of charge over-current
is the time needed for VCO to go "High" just after the change of V2.
Discharge over-current detection delay time, Release delay time 1 --- [Circuit 6]
Set V1=3.5V and V2=0V. Increase V2 from 0V to 1V rapidly within 10μs. Discharge over-current delay time
tidc is the time needed for VDO to go "Low" just after the change of V2.
Next, decrease V2 from 1V to 0V rapidly within 10μs. Release delay time 1 trel1 in case of discharge over-
current is the time needed for VDO to go "High" just after the change of V2.
Load short-circuiting detection delay time, Release delay time 1 --- [Circuit 6]
Set V1=3.5V and V2=0V. Increase V2 from 0V to 3.5V rapidly within 10μs. Load short-circuiting detection
delay time tshort is the time needed for VDO to go "Low" just after the change of V2. Next, decrease V2 from
3.5V to 0V rapidly within 10μs. Release delay time 1 trel1 in case of load short-circuiting is the time needed for
VDO to go "High" just after the change of V2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com