Electronic Components Datasheet Search
  English  ▼

X  

A7B Datasheet(PDF) 11 Page - AnaSem Hong Kong Limited.

Part # A7B
Description  Single-cell Li-ion / Li-polymer Battery Protection IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

A7B Datasheet(HTML) 11 Page - AnaSem Hong Kong Limited.

Back Button A7B Datasheet HTML 7Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 8Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 9Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 10Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 11Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 12Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 13Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 14Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 15Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AnaSem Inc.
10
Rev. E09-06
A7B Series
Single-cell Li-ion / Li-polymer Battery Protection IC
.......... Future of the analog world
DESCRIPTION OF OPERATION
Normal condition
This IC monitors the battery voltage (VDD) and the voltage of VM terminal, and controls charge and discharge.
If the battery voltage (VDD) is in the range from the over-discharge detection voltage (Vdc) to the over-charge
detection voltage (Vc) and the VM terminal voltage is in the range from the charge over-current detection voltage
(VIc) to the discharge over-current detection voltage (VIdc), this IC turns on both the charge and discharge
control FETs. This state is called the normal condition, and charge and discharge are possible together.
Discharge over-current detection, Load short-circuiting detection
When the discharge current becomes equal to or higher than the specified value under the normal condition, and
if the VM terminal voltage is in the range from the discharge over current detection voltage (VIdc) to the short-
circuiting detection voltage (Vshort) and that state is maintained during more than the discharge over-current
detection delay time (tidc), this IC turns off the discharge control FET to stop discharge. This state is called the
discharge over-current condition.
At that time, if the VM terminal voltage is equal to or higher than Vshort and that state is maintained during more
than the load short-circuiting detection delay time (tshort), this IC turns off the discharge control FET to stop
discharge. This state is called the load short-circuiting detection condition.
While load is connected, in both conditions, the VM terminal voltage equals to VDD potential due to the load, but it
falls by the discharge over-current release resistance (Rdwn) when the load is removed and the resistance
between (+) and (-) terminals of battery pack (refer to “TYPICAL CONNECTION DIAGRAM”) becomes larger
than the value which enables the automatic return.
Then the VM terminal voltage becomes less than VIdc, and if that state is maintained during more than the
release delay time 1 (trel1), this IC returns to normal condition.
Charge over-current detection
When the charge current becomes equal to or higher than the specified value under the normal condition, if the
VM terminal voltage becomes less than the charge over-current detection voltage (VIc) and that state is
maintained during more than the charge over-current detection delay time (tic), this IC turns off the charge
control FET to stop charge. This state is called the charge over-current detection condition.
Then the VM terminal voltage becomes equals to or higher than VIc and that state is maintained during more
than the release delay time 1 (trel1) when the charger is removed and the load is connected, this IC returns to
the normal condition.
If the VM terminal voltage becomes equal to or less than VSS-7V(typical), the charge over-current detection
delay time (tic) changes as below.
8msec model
→
8msec (not changed)
125msec model
→
7msec (typical)
1.0sec model
→ 56msec (typical)
The resistance value between (+) and (-) terminals of battery pack for automatic return changes with battery
voltage (VDD) or VIdc. The standard is expressed with the following equation.
Resistance value for automatic return = Rdwn × (VDD / VIdc - 1)
Note)
Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com