Electronic Components Datasheet Search
  English  ▼

X  

A7B Datasheet(PDF) 3 Page - AnaSem Hong Kong Limited.

Part # A7B
Description  Single-cell Li-ion / Li-polymer Battery Protection IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

A7B Datasheet(HTML) 3 Page - AnaSem Hong Kong Limited.

  A7B Datasheet HTML 1Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 2Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 3Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 4Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 5Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 6Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 7Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 8Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 9Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AnaSem Inc.
2
Rev. E09-06
A7B Series
Single-cell Li-ion / Li-polymer Battery Protection IC
.......... Future of the analog world
PRODUCTS NUMBERING GUIDE
STANDARD MODELS LINE-UPS
Model No.
Selectable items
A7BE01AA
A7BE02AA
A7BE03AA
A7BE04AA
Over-charge detection voltage
1)
4.275V
4.280V
4.290V
4.325V
Over-charge hysteresis voltage
2)
0.20V
0.20V
0.20V
0.25V
Over-discharge detection voltage
3)
2.300V
2.300V
2.300V
2.500V
Charge over-current detection voltage
4)
–0.100V
–0.100V
–0.100V
–0.150V
Discharge over-current detection voltage
5)
0.100V
0.100V
0.100V
0.150V
Over-charge detection delay time
6)
1.0s
1.0s
1.0s
1.0s
Over-discharge detection delay time
6)
31.0ms
31.0ms
31.0ms
31.0ms
Charge over-current detection delay time
6)
8.0ms
8.0ms
8.0ms
8.0ms
0V battery charge function
Acceptable
Acceptable
Acceptable
Acceptable
Note : The value of detection voltage and delay time can be changed by customer’s request. For details, please contact us.
1) The over-charge detection voltage can be selected in the range 4.0V to 4.5V in 5mV steps.
2) The over-charge hysteresis voltage can be selected in the range 0.0V to 0.4V in 50mV steps.
3) The over-discharge detection voltage can be selected in the range 2.0V to 3.0V in 5mV steps.
4) The charge over-current detection voltage can be selected in the range –0.25V to –0.05V in 5mV steps.
5) The discharge over-current detection voltage can be selected in the range 0.05V to 0.40V in 5mV steps.
6) The delay time can be changed within the value listed below.
Delay time
Symbol
Selectable value
Over-charge detection delay time
tc
0.125s
1.0s
3.75s
Over-discharge detection delay time
tdc
31ms
125ms
Charge over-current detection delay time
tic
8.0ms
125ms
1.0s
* The value in bold is set for standard products
A7B
Delivery form
C : Chip in tray
W : 5 inches wafer
E : SOT-26
N : SON-5
A : Acceptable
B : Unacceptable
0V battery charge function
Serial code from A to Z
A : Standard value
B to Z : Depend upon selected value by customer
Detection delay time
Serial code from 00 to 99
* Depend upon selected value by customer
Detection voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com