Electronic Components Datasheet Search
  English  ▼

X  

A7B Datasheet(PDF) 17 Page - AnaSem Hong Kong Limited.

Part # A7B
Description  Single-cell Li-ion / Li-polymer Battery Protection IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

A7B Datasheet(HTML) 17 Page - AnaSem Hong Kong Limited.

Back Button A7B Datasheet HTML 13Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 14Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 15Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 16Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 17Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 18Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 19Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 20Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 21Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AnaSem Inc.
16
Rev. E09-06
A7B Series
Single-cell Li-ion / Li-polymer Battery Protection IC
.......... Future of the analog world
0V battery charge function
Current consumption
Topr (°C)
[A7BxxxxA]
0V battery charge starting charger voltage
vs.
Temperature
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Topr (°C)
[A7BxxxxB]
0V battery charge inhibiting battery voltage
vs.
Temperature
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Topr (°C)
[A7BE01AA]
Current consumption on shutdown
vs.
Temperature
0.10
0.08
0.06
0.04
0.02
0.00
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Topr (°C)
[A7BE01AA]
Current consumption on operation
vs.
Temperature
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Current consumption
vs.
Power supply voltage
6.0
5.0
4.0
3.0
2.0
1.0
0.0
0
1
2
3
4
5
6
7
8
VDD (V)
[A7BE01AA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com