Electronic Components Datasheet Search
  English  ▼

X  

A7B Datasheet(PDF) 16 Page - AnaSem Hong Kong Limited.

Part # A7B
Description  Single-cell Li-ion / Li-polymer Battery Protection IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

A7B Datasheet(HTML) 16 Page - AnaSem Hong Kong Limited.

Back Button A7B Datasheet HTML 12Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 13Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 14Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 15Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 16Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 17Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 18Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 19Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 20Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
AnaSem Inc.
15
Rev. E09-06
A7B Series
Single-cell Li-ion / Li-polymer Battery Protection IC
.......... Future of the analog world
TYPICAL CHARACTERISTICS
Detection voltage
Over-charge detection voltage
vs.
Temperature
4.305
4.295
4.285
4.275
4.265
4.255
4.245
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Topr (°C)
Over-discharge detection voltage
vs.
Temperature
2.330
2.320
2.310
2.300
2.290
2.280
2.270
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Topr (°C)
Charge over-current detection voltage
vs.
Temperature
-0.085
-0.090
-0.095
-0.100
-0.110
-0.115
-0.120
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Topr (°C)
-0.105
-0.080
Discharge over-current detection voltage
vs.
Temperature
0.115
0.110
0.105
0.100
0.090
0.085
0.080
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Topr (°C)
0.095
0.120
[A7BE01AA]
[A7BE01AA]
[A7BE01AA]
[A7BE01AA]
Load short-circuiting detection voltage
vs.
Temperature
-1.15
-1.20
-1.25
-1.30
-1.40
-1.45
-1.50
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Topr (°C)
-1.35
-1.10
Based on VDD=3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com